Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4394 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4394
Description  192kHz sampling 24Bit ?誇 DAC.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4394 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4394_07 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4394_07 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4394_07 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4394_07 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4394_07 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4394_07 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4394_07 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4394_07 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4394_07 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ASAHI KASEI
[AKD4394]
<KM063002>
6
’07/01
4. DIP switch set-up
Confirm the set-up of the DIP switch before the operation. “ON” means “H” and “OFF” means “L”.
4-1. Set-up of SW3, SW4(Mode set-up of AK4394: see the data sheet of AK4394)
DIF2
DIF1
DIF0
Mode
BICK
OFF
OFF
OFF
0: LSB justified, 16bit
≥32fs
OFF
OFF
ON
1: LSB justified, 20bit
≥40fs
OFF
ON
OFF
2: LSB justified, 24bit
≥48fs
OFF
ON
ON
3: I
2S
≥48fs
(default)
ON
OFF
OFF
4: MSB justified, 24bit
≥48fs
Table 2 Audio Serial Interface Format Select Pins (SW3-5,6,7)
4-2. Set-up of SW6 (Mode set-up of CS8414. About details, see the data-sheet of CS8414)
Adjust the audio data format of CS8414 (DIR) to AK4394. CS8414 does not match the LSB justified 20bit/24bit mode of AK4394.
M3
(SW6-2)
M2
(SW6-3)
M1
(SW6-4)
M0
(SW6-5)
Data format
JP4
OFF
OFF
OFF
OFF
MSB justified, 24bit
INV
OFF
OFF
ON
OFF
I
2S
THR
(default)
OFF
ON
OFF
ON
LSB justified, 16bit
THR
Table 3 Set-up of SW6
SW6-1(SEL) :Usually ON.
SW6-6(CS12): Select the channel for indicating the channel status.
ON: Rch (default), OFF: Lch
5. Parallel/Serial Control
SW5: set up P/S pin of AK4394.
H: parallel mode. PORT3 is used JP11, 12 and 13 should be open.
L: serial mode. PORT3 is used. JP11, 12 and 13 should be open.
6. Other set-up
SW1: Reset of AK4394. Select "H" during operation.
SW2: Soft-mute of AK4394. The soft-mute is executed during SW2 pushed.
LE1 : This LED shows pre-emphasis status. It turns on when the data is pre-emphasized.
LE2 : This LED shows the output of VERF pin in CS8414. It turns on when the error is occured in CS8414.


Similar Part No. - AKD4394_07

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4394 AKM-AKD4394 Datasheet
299Kb / 26P
   ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AKD4394 AKM-AKD4394 Datasheet
398Kb / 21P
   EVALUATION BOARD REV.C FOR AK4394
More results

Similar Description - AKD4394_07

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
AKD4340-SB AKM-AKD4340-SB Datasheet
340Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com