Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD1712BPA Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1712BPA
Description  RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1712BPA Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1712BPA Datasheet HTML 1Page - Advanced Linear Devices ALD1712BPA Datasheet HTML 2Page - Advanced Linear Devices ALD1712BPA Datasheet HTML 3Page - Advanced Linear Devices ALD1712BPA Datasheet HTML 4Page - Advanced Linear Devices ALD1712BPA Datasheet HTML 5Page - Advanced Linear Devices ALD1712BPA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALD1712A/ALD1712B
Advanced Linear Devices
2
ALD1712
Supply
VS
±2.0
±6.0 ±2.0
±6.0 ±2.0
±6.0
Voltage
V+
4.0
12.0
4.0
12.0
4.0
12.0
V
Single Supply
Input Offset
VOS
0.05
0.15
0.1
0.25
0.25
0.5
mV
RS ≤ 100KΩ
Voltage
0.35
0.55
1.0
mV
0
°C ≤ TA ≤ +70°C
Input Offset
IOS
0.01
10
0.01
10
0.01
10
pA
TA = 25°C
Current
280
280
280
pA
0
°C ≤ TA ≤ +70°C
Input Bias
IB
0.01
10
0.01
10
0.01
10
pA
TA = 25°C
Current
280
280
280
pA
0
°C ≤ TA ≤ +70°C
Input Voltage
VIR
-0.3
5.3
-0.3
5.3
-0.3
5.3
V
V+ = +5; notes 2,5
Range
-2.8
+2.8
-2.8
+2.8
-2.8
+2.8
V
VS = ±2.5V
Input
RIN
1013
1013
1013
Resistance
Input Offset
TCVOS
55
5
µV/°CRS ≤ 100KΩ
Voltage Drift
Power Supply
PSRR
65
85
65
85
63
85
dB
RS ≤ 100KΩ
Rejection Ratio
65
85
65
85
63
85
dB
0
°C ≤ TA ≤ +70°C
Common Mode
CMRR
65
83
65
83
63
83
dB
RS ≤ 100KΩ
Rejection Ratio
65
83
65
83
63
83
dB
0
°C ≤ TA ≤ +70°C
Large Signal
AV
50
85
50
85
50
85
V/mV
RL = 10KΩ
Voltage Gain
400
400
400
V/mV
RL ≥ 1MΩ
20
20
20
V/mV
RL = 10KΩ
0
°C ≤ TA ≤ +70°C
Output
VO low
0.002
0.01
0.002
0.01
0.002
0.01
V
RL = 1MΩ V+ = +5V
Voltage
VO high
4.99
4.998
4.99 4.998
4.99 4.998
V
0
°C ≤ TA ≤ +70°C
Range
VO low
-2.44 -2.35
-2.44 -2.35
-2.44 -2.35
V
RL = 10KΩ
VO high
2.35
2.44
2.35
2.44
2.35
2.44
V
0
°C ≤ TA ≤ +70°C
Output Short
ISC
888
mA
Circuit Current
Supply
IS
0.8
1.5
0.8
1.5
0.8
1.5
mA
VIN = 0V
Current
No Load
Power
PD
4.0
7.5
4.0
7.5
4.0
7.5
mW
VS = ±2.5V
Dissipation
Input
CIN
11
1
pF
Capacitance
Bandwidth
BW
1.0
1.5
1.0
1.5
1.0
1.5
MHz
Slew Rate
SR
1.4
2.1
1.4
2.1
1.4
2.1
V/
µsAV = +1
RL = 10KΩ
Rise time
tr
0.2
0.2
0.2
µsRL = 10KΩ
Overshoot
10
10
10
%
RL = 10KΩ
Factor
CL = 100pF
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C VS = ±2.5V unless otherwise specified
1712A
1712B
1712
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
13.2V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
PA,SA package
0
°C to +70°C
DA package
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C


Similar Part No. - ALD1712BPA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712BPA ALD-ALD1712BPA Datasheet
47Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712BPAL ALD-ALD1712BPAL Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1712BPAL ADL-ALD1712BPAL Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results

Similar Description - ALD1712BPA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712 Datasheet
47Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
STMicroelectronics
TS507 STMICROELECTRONICS-TS507_08 Datasheet
280Kb / 20P
   High precision rail-to-rail operational amplifier
TS507 STMICROELECTRONICS-TS507 Datasheet
190Kb / 9P
   High Precision Rail-to-Rail Operational Amplifier
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
   High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com