Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72P63BE1M1 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 40Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 41Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 42Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 43Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 44Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 45Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 46Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 47Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
44/145
Watchdog timer (Cont’d)
12.1.8 Register description
Control Register (CR)
Read/Write
Reset value: 0111 1111 (7Fh)
Bit 7 = WDGA Activation bit.
This bit is set by software and only cleared by
hardware after a reset. When WDGA = 1, the
watchdog can generate a reset.
0: Watchdog disabled
1: Watchdog enabled
Bit 6:0 = T[6:0] 7-bit timer (MSB to LSB).
These bits contain the decremented value. A reset
is produced when it rolls over from 40h to 3Fh (T6
becomes cleared).
Table 17. Watchdog timer register map and reset values
70
WDGA
T6
T5
T4
T3
T2
T1
T0
Address
(Hex.)
Register
Label
7
6
543
2
1
0
0Ch
WDGCR
Reset value
WDGA
0
T6
1
T5
1
T4
1
T3
1
T2
1
T1
1
T0
1


Similar Part No. - ST72P63BE1M1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72P63BK1B1 STMICROELECTRONICS-ST72P63BK1B1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST72P63BK1M1 STMICROELECTRONICS-ST72P63BK1M1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST72P63BK2B1 STMICROELECTRONICS-ST72P63BK2B1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST72P63BK2M1 STMICROELECTRONICS-ST72P63BK2M1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST72P63BK4B1 STMICROELECTRONICS-ST72P63BK4B1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
More results

Similar Description - ST72P63BE1M1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
   LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
June 2003 Rev. 2.1
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
June 2003 Rev. 2.2
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com