Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 16 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 12Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 13Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 14Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 15Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 16Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 17Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 18Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 19Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
16/145
0025h
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
002Fh
0030h
0031h
USB
USBPIDR
USBDMAR
USBIDR
USBISTR
USBIMR
USBCTLR
USBDADDR
USBEP0RA
USBEP0RB
USBEP1RA
USBEP1RB
USBEP2RA
USBEP2RB
USB PID Register
USB DMA address Register
USB Interrupt/DMA Register
USB Interrupt Status Register
USB Interrupt Mask Register
USB Control Register
USB Device Address Register
USB Endpoint 0 Register A
USB Endpoint 0 Register B
USB Endpoint 1 Register A
USB Endpoint 1 Register B
USB Endpoint 2 Register A
USB Endpoint 2 Register B
x0h
xxh
x0h
00h
00h
06h
00h
0000 xxxxb
80h
0000 xxxxb
0000 xxxxb
0000 xxxxb
0000 xxxxb
Read only
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0032h to
0036h
Reserved (5 bytes)
0032h
0036h
Reserved (5 bytes)
0037h
Flash
FCSR
Flash Control /Status Register
00h
R/W
0038h
Reserved (1 byte)
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
I²C
I2CDR
I2COAR
I2CCCR
I2CSR2
I2CSR1
I2CCR
I²C Data Register
Reserved
I²C (7 Bits) Slave Address Register
I²C Clock Control Register
I²C 2nd Status Register
I²C 1st Status Register
I²C Control Register
00h
-
00h
00h
00h
00h
00h
R/W
R/W
R/W
Read only
Read only
R/W
Address
Block
Register label
Register name
Reset status
Remarks


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn