Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 98 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 94Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 95Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 96Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 97Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 98Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 99Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 100Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 101Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
98/145
12.6 8-bit A/D converter (ADC)
12.6.1 Introduction
The on-chip Analog to Digital Converter (ADC) pe-
ripheral is a 8-bit, successive approximation con-
verter with internal sample and hold circuitry. This
peripheral has up to 16 multiplexed analog input
channels (refer to device pin out description) that
allow the peripheral to convert the analog voltage
levels from up to 16 different sources.
The result of the conversion is stored in a 8-bit
Data Register. The A/D converter is controlled
through a Control/Status Register.
12.6.2 Main features
8-bit conversion
Up to 12 channels with multiplexed input
Linear successive approximation
Data register (DR) which contains the results
Conversion complete status flag
On/off bit (to reduce consumption)
The block diagram is shown in Figure 47.
12.6.3 Functional description
12.6.3.1 Analog power supply
VDDA and VSSA are the high and low level refer-
ence voltage pins. In some devices (refer to device
pin out description) they are internally connected
to the VDD and VSS pins.
Conversion accuracy may therefore be impacted
by voltage drops and noise in the event of heavily
loaded or badly decoupled power supply lines.
See electrical characteristics section for more de-
tails.
Figure 47. ADC block diagram
CH2
CH1
CH3
COCO
0
ADON
0
CH0
ADCCSR
AIN0
AIN1
ANALOG TO DIGITAL
CONVERTER
AINx
ANALOG
MUX
RADC
CADC
D2
D1
D3
D7
D6
D5
D4
D0
ADCDR
4
DIV 4
fADC
fCPU
HOLD CONTROL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn