Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 9 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 5Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 6Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 7Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 8Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 9Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 10Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 11Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 12Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
9/145
Pin description (Cont’d)
Figure 4. 34-pin SO package pinout
Figure 5. 32-pin SDIP package pinout
18
19
20
21
22
23
31
30
29
28
27
26
25
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
OSCOUT
AIN4/IT5/PB4(10mA)
AIN5/IT6/PB5(10mA)
VPP/TEST
AIN6/PB6/IT7(10mA)
AIN7/IT8/PB7(10mA)
NC
RESET
PC0/RDI
PC1/TDO
PC2/USBOE
VSS
OSCIN
USBDP
VSSA
PB0(10mA)/AIN0
PA7/OCMP2/IT4
PA6/OCMP1/IT3
PA5/ICAP2/IT2
PA4/ICAP1/IT1
PA3/EXTCLK
PA2(25mA)/SCL/ICCCLK
NC
NC
NC
PA1(25mA)/SDA/ICCDATA
PA0/MCO
15
16
17
AIN1/PB1(10mA)
AIN2/PB2(10mA)
AIN3/PB3(10mA)
34
33
32
VDDA
USBVCC
USBDM
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
29
30
31
32
VDD
OSCOUT
AIN1/PB1/(10mA)
AIN2/PB2(10mA)
AIN3/PB3(10mA)
AIN4/IT5/PB4(10mA)
AIN5/IT6/PB5(10mA)
VPP/TEST
AIN6/IT7/PB6(10mA)
PC0/RDI
PC1/TDO
PC2/USBOE
VSS
OSCIN
AIN7/IT8/PB7(10mA)
RESET
VDDA
USBVCC
PB0(10mA)/AIN0
PA7/OCMP2/IT4
PA6/OCMP1/IT3
PA5/ICAP2/IT2
PA4/ICAP1/IT1
PA3/EXTCLK
PA2(25mA)/SCL/ICCCLK
PA1(25mA)/SDA/ICCDATA
PA0/MCO
VSSA
USBDP
USBDM
NC
NC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn