Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 85 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 81Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 82Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 83Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 84Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 85Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 86Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 87Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 88Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
85/145
USB interface (Cont’d)
Table 22. USB register map and reset values
Address
(Hex.)
Register
Name
7
6
5
4
32
10
25
PIDR
Reset value
TP3
x
TP2
x
0
0
0
0
0
0
RX_SEZ
0
RXD
0
0
0
26
DMAR
Reset value
DA15
x
DA14
x
DA13
x
DA12
x
DA11
x
DA10
x
DA9
x
DA8
x
27
IDR
Reset value
DA7
x
DA6
x
EP1
x
EP0
x
CNT3
0
CNT2
0
CNT1
0
CNT0
0
28
ISTR
Reset value
SUSP
0
DOVR
0
CTR
0
ERR
0
IOVR
0
ESUSP
0
RESET
0
SOF
0
29
IMR
Reset value
SUSPM
0
DOVRM
0
CTRM
0
ERRM
0
IOVRM
0
ESUSPM
0
RESETM
0
SOFM
0
2A
CTLR
Reset value
0
0
0
0
0
0
0
0
RESUME
0
PDWN
1
FSUSP
1
FRES
0
2B
DADDR
Reset value
0
0
ADD6
0
ADD5
0
ADD4
0
ADD3
0
ADD2
0
ADD1
0
ADD0
0
2C
EP0RA
Reset value
ST_OUT
0
DTOG_TX
0
STAT_TX1
0
STAT_TX0
0
TBC3
x
TBC2
x
TBC1
x
TBC0
x
2D
EP0RB
Reset value
1
1
DTOG_RX
0
STAT_RX1
0
STAT_RX0
0
0
0
0
0
0
0
0
0
2E
EP1RA
Reset value
ST_OUT
0
DTOG_TX
0
STAT_TX1
0
STAT_TX0
0
TBC3
x
TBC2
x
TBC1
x
TBC0
x
2F
EP1RB
Reset value
CTRL
0
DTOG_RX
0
STAT_RX1
0
STAT_RX0
0
EA3
x
EA2
x
EA1
x
EA0
x
30
EP2RA
Reset value
ST_OUT
0
DTOG_TX
0
STAT_TX1
0
STAT_TX0
0
TBC3
x
TBC2
x
TBC1
x
TBC0
x
31
EP2RB
Reset value
CTRL
0
DTOG_RX
0
STAT_RX1
0
STAT_RX0
0
EA3
x
EA2
x
EA1
x
EA0
x


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn