Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 83 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 79Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 80Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 81Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 82Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 83Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 84Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 85Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 86Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
83/145
USB INTERFACE (Cont’d)
Endpoint n Register B (EPnRB)
Read / Write
Reset value: 0000 xxxx (0xh)
These registers (EP1RB and EP2RB) are used for
controlling data reception on Endpoints 1 and 2.
They are also reset by the USB bus reset.
Note: Endpoint 2 and the EP2RB register are not
available on some devices (see device feature list
and register map).
Bit 7 = CTRL Control.
This bit should be 0.
Note: If this bit is 1, the Endpoint is a control end-
point. (Endpoint 0 is always a control Endpoint, but
it is possible to have more than one control End-
point).
Bit 6 = DTOG_RX Data toggle, for reception trans-
fers.
It contains the expected value of the toggle bit
(0=DATA0, 1=DATA1) for the next data packet.
This bit is cleared by hardware in the first stage
(Setup Stage) of a control transfer (SETUP trans-
actions start always with DATA0 PID). The receiv-
er toggles DTOG_RX only if it receives a correct
data packet and the packet’s data PID matches
the receiver sequence bit.
Bits 5:4 = STAT_RX [1:0] Status bits, for reception
transfers.
These bits contain the information about the end-
point status, which are listed below:
These bits are written by software. Hardware sets
the STAT_RX bits to NAK when a correct transfer
has occurred (CTR=1) related to an OUT or SET-
UP transaction addressed to this endpoint, so the
software has the time to elaborate the received
data before acknowledging a new transaction.
Bits 3:0 = EA[3:0] Endpoint address.
Software must write in this field the 4-bit address
used to identify the transactions directed to this
endpoint. Usually EP1RB contains “0001” and
EP2RB contains “0010”.
Endpoint 0 Register B (EP0RB)
Read / Write
Reset value: 1000 0000 (80h)
This register is used for controlling data reception
on Endpoint 0. It is also reset by the USB bus re-
set.
Bit 7 = Forced by hardware to 1.
Bits 6:4 = Refer to the EPnRB register for a de-
scription of these bits.
Bits 3:0 = Forced by hardware to 0.
70
CTRL
DTOG
_RX
STAT
_RX1
STAT
_RX0
EA3
EA2
EA1
EA0
STAT_RX1
STAT_RX0 Meaning
00
DISABLED: reception
transfers cannot be exe-
cuted.
01
STALL: the endpoint is
stalled and all reception
requests
result
in
a
STALL handshake.
10
NAK: the endpoint is na-
ked and all reception re-
quests result in a NAK
handshake.
11
VALID: this endpoint is
enabled for reception.
70
1
DTOG
RX
STAT
RX1
STAT
RX0
00
0
0
STAT_RX1
STAT_RX0 Meaning


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn