Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 82 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 78Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 79Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 80Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 81Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 82Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 83Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 84Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 85Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
82/145
USB interface (Cont’d)
Device Address Register (DADDR)
Read / Write
Reset value: 0000 0000 (00h)
Bit 7 = Reserved. Forced by hardware to 0.
Bits 6:0 = ADD[6:0] Device address, 7 bits.
Software must write into this register the address
sent by the host during enumeration.
Note: This register is also reset when a USB reset
is received from the USB bus or forced through bit
FRES in the CTLR register.
Endpoint n Register A (EPnRA)
Read / Write
Reset value: 0000 xxxx (0xh)
These registers (EP0RA, EP1RA and EP2RA) are
used for controlling data transmission. They are
also reset by the USB bus reset.
Note: Endpoint 2 and the EP2RA register are not
available on some devices (see device feature list
and register map).
Bit 7 = ST_OUT Status out.
This bit is set by software to indicate that a status
out packet is expected: in this case, all nonzero
OUT data transfers on the endpoint are STALLed
instead of being ACKed. When ST_OUT is reset,
OUT transactions can have any number of bytes,
as needed.
Bit 6 = DTOG_TX Data Toggle, for transmission
transfers.
It contains the required value of the toggle bit
(0=DATA0, 1=DATA1) for the next transmitted
data packet. This bit is set by hardware at the re-
ception of a SETUP PID. DTOG_TX toggles only
when the transmitter has received the ACK signal
from
the
USB
host.
DTOG_TX
and
also
DTOG_RX (see EPnRB) are normally updated by
hardware, at the receipt of a relevant PID. They
can be also written by software.
Bits 5:4 = STAT_TX[1:0] Status bits, for transmis-
sion transfers.
These bits contain the information about the end-
point status, which are listed below:
These bits are written by software. Hardware sets
the STAT_TX bits to NAK when a correct transfer
has occurred (CTR=1) related to a IN or SETUP
transaction addressed to this endpoint; this allows
the software to prepare the next set of data to be
transmitted.
Bits 3:0 = TBC[3:0] Transmit byte count for End-
point n.
Before transmission, after filling the transmit buff-
er, software must write in the TBC field the trans-
mit packet size expressed in bytes (in the range 0-
8).
Warning: Any value outside the range 0-8 will-
induce undesired effects (such as continuous data
transmission).
70
0
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
70
ST_
OUT
DTOG
_TX
STAT
_TX1
STAT
_TX0
TBC
3
TBC
2
TBC
1
TBC
0
STAT_TX1 STAT_TX0 Meaning
00
DISABLED: transmission
transfers cannot be executed.
01
STALL: the endpoint is stalled
and all transmission requests
result in a STALL handshake.
10
NAK: the endpoint is naked
and all transmission requests
result in a NAK handshake.
11
VALID: this endpoint is ena-
bled for transmission.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn