Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 79 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 75Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 76Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 77Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 78Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 79Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 80Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 81Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 82Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
79/145
USB interface (Cont’d)
12.4.4 Register description
DMA address register (DMAR)
Read / Write
Reset value: Undefined
Bits 7:0=DA[15:8] DMA address bits 15-8.
Software must write the start address of the DMA
memory area whose most significant bits are given
by DA15-DA6. The remaining 6 address bits are
set by hardware. See the description of the IDR
register and Figure 42.
Interrupt/DMA register (IDR)
Read / Write
Reset value: xxxx 0000 (x0h)
Bits 7:6 = DA[7:6] DMA address bits 7-6.
Software must reset these bits. See the descrip-
tion of the DMAR register and Figure 42.
Bits 5:4 = EP[1:0] Endpoint number (read-only).
These bits identify the endpoint which required at-
tention.
00: Endpoint 0
01: Endpoint 1
10: Endpoint 2
When a CTR interrupt occurs (see register ISTR)
the software should read the EP bits to identify the
endpoint which has sent or received a packet.
Bits 3:0 = CNT[3:0] Byte count (read only).
This field shows how many data bytes have been
received during the last data reception.
Note: Not valid for data transmission.
Figure 42. DMA buffers
70
DA15
DA14
DA13
DA12
DA11
DA10
DA9
DA8
70
DA7
DA6
EP1
EP0
CNT3
CNT2
CNT1
CNT0
Endpoint 0 RX
Endpoint 0 TX
Endpoint 2 RX
Endpoint 1 TX
000000
000111
001000
001111
010000
010111
011000
011111
DA15-6,000000
Endpoint 1 RX
Endpoint 2 TX
100000
100111
101000
101111


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn