Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 78 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 74Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 75Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 76Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 77Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 78Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 79Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 80Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 81Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
78/145
12.4 USB interface (USB)
12.4.1 Introduction
The USB Interface implements a low-speed func-
tion interface between the USB and the ST7 mi-
crocontroller. It is a highly integrated circuit which
includes the transceiver, 3.3 voltage regulator, SIE
and DMA. No external components are needed
apart from the external pull-up on USBDM for low
speed recognition by the USB host. The use of
DMA architecture allows the endpoint definition to
be completely flexible. Endpoints can be config-
ured by software as in or out.
12.4.2 Main features
USB Specification Version 1.1 Compliant
Supports Low-Speed USB Protocol
Two or Three Endpoints (including default one)
depending on the device (see device feature list
and register map)
CRC
generation/checking,
NRZI
encoding/
decoding and bit-stuffing
USB Suspend/Resume operations
DMA Data transfers
On-Chip 3.3V Regulator
On-Chip USB Transceiver
12.4.3 Functional description
The block diagram in Figure 41, gives an overview
of the USB interface hardware.
For general information on the USB, refer to the
“Universal Serial Bus Specifications” document
available at http//:www.usb.org.
Serial interface engine
The SIE (serial interface engine) interfaces with
the USB, via the transceiver.
The SIE processes tokens, handles data transmis-
sion/reception, and handshaking as required by
the USB standard. It also performs frame format-
ting, including CRC generation and checking.
Endpoints
The Endpoint registers indicate if the microcontrol-
ler is ready to transmit/receive, and how many
bytes need to be transmitted.
DMA
When a token for a valid Endpoint is recognized by
the USB interface, the related data transfer takes
place, using DMA. At the end of the transaction, an
interrupt is generated.
Interrupts
By reading the Interrupt Status register, applica-
tion software can know which USB event has oc-
curred.
Figure 41. USB block diagram
CPU
MEMORY
Transceiver
3.3V
Voltage
Regulator
SIE
ENDPOINT
DMA
INTERRUPT
Address,
and interrupts
USBDM
USBDP
USBVCC
6 MHz
REGISTERS
REGISTERS
data buses
USBGND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn