Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST72P63BE1M1 Datasheet(PDF) 77 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BE1M1 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST72P63BE1M1 Datasheet HTML 73Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 74Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 75Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 76Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 77Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 78Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 79Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 80Page - STMicroelectronics ST72P63BE1M1 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
77/145
Table 21. SCI register map and reset values
Address
(Hex.)
Register
Label
7654
321
0
20
SCISR
Reset value
TDRE
1
TC
1
RDRF
0
IDLE
0
OR
0
NF
0
FE
0
PE
0
21
SCIDR
Reset value
DR7
x
DR6
x
DR5
x
DR4
x
DR3
x
DR2
x
DR1
x
DR0
x
22
SCIBRR
Reset value
SCP1
0
SCP0
0
SCT2
x
SCT1
x
SCT0
x
SCR2
x
SCR1
x
SCR0
x
23
SCICR1
Reset value
R8
x
T8
x
SCID
0
M
x
WAKE
x
PCE
0
PS
0
PIE
0
24
SCICR2
Reset value
TIE
0
TCIE
0
RIE
0
ILIE
0
TE
0
RE
0
RWU
0
SBK
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn