Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ST72P63BE1M1 Datasheet(PDF) 63 Page - STMicroelectronics

Part No. ST72P63BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I²C
Download  145 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

ST72P63BE1M1 Datasheet(HTML) 63 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 63 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
63/145
16-bit timer (Cont’d)
Table 19. 16-bit timer register map and reset values
Address
(Hex.)
Register
Label
76
54
321
0
11
CR2
Reset value
OC1E
0
OC2E
0
OPM
0
PWM
0
CC1
0
CC0
0
IEDG2
0
EXEDG
0
12
CR1
Reset value
ICIE
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
IEDG1
0
OLVL1
0
13
CSR
Reset value
ICF1
0
OCF1
0
TOF
0
ICF2
0
OCF2
0
TIMD
0
0
0
0
0
14
IC1HR
Reset value
MSB
LSB
15
IC1LR
Reset value
MSB
LSB
16
OC1HR
Reset value
MSB
1
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
17
OC1LR
Reset value
MSB
0
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
18
CHR
Reset value
MSB
1
-
1
-
1
-
1
-
1
-
1
-
1
LSB
1
19
CLR
Reset value
MSB
1
-
1
-
1
-
1
-
1
-
1
-
0
LSB
0
1A
ACHR
Reset value
MSB
1
-
1
-
1
-
1
-
1
-
1
-
1
LSB
1
1B
ACLR
Reset value
MSB
1
-
1
-
1
-
1
-
1
-
1
-
0
LSB
0
1C
IC2HR
Reset value
MSB
LSB
1D
IC2LR
Reset value
MSB
LSB
1E
OC2HR
Reset value
MSB
1
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
1F
OC2LR
Reset value
MSB
0
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn