Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST72P63BK1B1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST72P63BK1B1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72P63BK1B1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST72P63BK1B1 Datasheet HTML 4Page - STMicroelectronics ST72P63BK1B1 Datasheet HTML 5Page - STMicroelectronics ST72P63BK1B1 Datasheet HTML 6Page - STMicroelectronics ST72P63BK1B1 Datasheet HTML 7Page - STMicroelectronics ST72P63BK1B1 Datasheet HTML 8Page - STMicroelectronics ST72P63BK1B1 Datasheet HTML 9Page - STMicroelectronics ST72P63BK1B1 Datasheet HTML 10Page - STMicroelectronics ST72P63BK1B1 Datasheet HTML 11Page - STMicroelectronics ST72P63BK1B1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
8/145
Figure 3. 40-lead QFN package pinout
4
3
5
6
7
8
9
10
11
12
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
37
38
39
40
2
1
35
36
13
14
VDDA
VDD
OSCOUT
OSCIN
VSS
VSSA
USBDP
USBDM
USBVCC
PA7/OCMP2/IT4
PB0(10mA)/AIN0
PB1(10mA)/AIN1
PB2(10mA)/AIN2
PB3(10mA)/AIN3
PB4(10mA)/AIN4/IT5
PA3/EXTCLK
PA4/ICAP1/IT1
PA5/ICAP2/IT2
PA6/OCMP1/IT3
PA0/MCO
Note:
1. Port D functions are not available on the 8K version of the QFN40 package (ST7263BK2)
and should not be connected.


Similar Part No. - ST72P63BK1B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72P63BK1B1 STMICROELECTRONICS-ST72P63BK1B1 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
More results

Similar Description - ST72P63BK1B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
   LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
June 2003 Rev. 2.1
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
June 2003 Rev. 2.2
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
   LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
   Low speed USB 8-bit MCU family with up to 8K Flash
February 2009 Rev 3
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
   3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com