Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4340-SB Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4340-SB
Description  192kHz sampling 24Bit ?誇 DAC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4340-SB Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4340-SB Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4340-SB Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4340-SB Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4340-SB Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4340-SB Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4340-SB Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4340-SB Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4340-SB Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4340-SB Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ASAHI KASEI
[AKD4340-SB]
<KM079900>
4
2005/12
The frequency of the master clock output is set by OCKS0 and OCKS1 as shown in Table 4.
OCKS1
OCKS0
MCLK Frequency
0
0
256fs @fs=88.2/96kHz
1
0
512fs @ fs=32/44.1/48kHz
1
1
128fs @ fs=176.4/192kHz
Default
Table 4. MCLK Clock
SW1 setting
[SW1](PDN): Reset of AK4340. Select “H” during operation
.


Similar Part No. - AKD4340-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4340 AKM-AKD4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
AKD4340 AKM-AKD4340 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AKD4340 AKM-AKD4340 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AKD4340-SB

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4395-SBW AKM-AKD4395-SBW Datasheet
282Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4384-SC AKM-AKD4384-SC Datasheet
450Kb / 32P
   192kHz sampling 24Bit ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
AKD4341-SB AKM-AKD4341-SB Datasheet
419Kb / 23P
   192kHz sampling 24Bit ?誇 DAC
AKD4382A-SB AKM-AKD4382A-SB Datasheet
482Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4385-SC AKM-AKD4385-SC Datasheet
320Kb / 31P
   192kHz sampling 24Bit ?誇 DAC
AKD4394 AKM-AKD4394_07 Datasheet
531Kb / 32P
   192kHz sampling 24Bit ?誇 DAC.
AKD4396-SBW AKM-AKD4396-SBW Datasheet
297Kb / 30P
   192kHz sampling 24Bit ?誇 DAC
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
   192kHz sampling 24Bit DAC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com