Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AKD4250-A Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part No. AKD4250-A
Description  1ch video amplifier with low pass filter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AKM [Asahi Kasei Microsystems]
Homepage  http://www.akm.com
Logo 

AKD4250-A Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ASAHI KASEI
[AKD4250-A]
Operation sequence
1) Set up the power supply lines.
[VDD1]
(Red)
= 2.5V~3.6V
[VSS1]
(Black)
= 0V
2) Set up the jumper pins. (Refer the next section.)
They should be set a default state.
3) Turn on the power supply.
AK4250VU includes a power-on-reset function. Therefore any reset is not required upon power-up externally.
Jumper pins set up
Jumper pins should be set the default state.
1) JP1(DVDD) : DVDD and AVDD
OPEN : Separated.
SHORT: Connected. <Default>
2) JP2(PDN) : Selection for the PDN pin of AK4250
OPEN:
PDN pin is open.
DVDD: PDN pin is connected to DVDD. <Default>
<KM083303>
2006/08
- 2 -


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn