Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T436416D-6CG Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # T436416D-6CG
Description  4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T436416D-6CG Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T436416D-6CG Datasheet HTML 1Page - Taiwan Memory Technology T436416D-6CG Datasheet HTML 2Page - Taiwan Memory Technology T436416D-6CG Datasheet HTML 3Page - Taiwan Memory Technology T436416D-6CG Datasheet HTML 4Page - Taiwan Memory Technology T436416D-6CG Datasheet HTML 5Page - Taiwan Memory Technology T436416D-6CG Datasheet HTML 6Page - Taiwan Memory Technology T436416D-6CG Datasheet HTML 7Page - Taiwan Memory Technology T436416D-6CG Datasheet HTML 8Page - Taiwan Memory Technology T436416D-6CG Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
TE
CH
tm
T436416D
TM Technology Inc. reserves the right
P. 2
Publication Date: FEB. 2007
to change products or specifications without notice.
Revision: A
PIN ARRANGEMENT (Top View)
TFBGA Top View
TOSPII Top View
DQ1
V DD
46
45
44
43
41
42
40
36
35
34
33
32
31
30
29
1
2
3
4
6
5
7
8
9
11
15
16
17
18
19
20
V DD Q
DQ1 1
DQ1 0
A8
A7
A9
10
21
22
47
48
49
50
V SSQ
DQ2
A0
A1
DQ1 5
DQ1 4
Vs s
23
24
25
28
27
26
DQ3
DQ0
V DD Q
DQ4
DQ5
V SSQ
DQ6
RA S
CS
BA 1
A 10/ A P
A2
A3
V DD
V SSQ
DQ1 3
DQ1 2
DQ9
UDQM
N.C
CL K
CK E
Vs s
A6
A5
A4
12
13
14
39
38
37
DQ7
V DD
L DQM
DQ8
Vs s
N.C / R F U
W E
CA S
54P IN T S O P ( II)
( 400m il x 875m il )
( 0 .8 m m PIN PIT C H )
51
52
53
54
V DD Q
BA 0
V DD Q
V SSQ
A1 1
A
B
C
D
E
F
G
H
VDD
NC
A5
A7
VSS
A8
DQ6
DQ7
CLK
DQ8
DQ9
DQ3
DQ1
NC
DQ15
DQ14
DQ12
VDDQ
DQ4
VDDQ
DQ11
VDDQ
DQ5
VSSQ
UDQM
VSSQ
DQ10
VSSQ
A6
VDD
CKE
A9
A0
A10
BA1
B
A0
VSSQ
DQ13
NC
NC
NC
A11
VSS
A4
NC
NC
VDDQ
DQ0
DQ2
NC
NC
NC
LDQM
WE#
CAS#
RAS#
CS#
A3
A2
A1
J
K
L
M
N
P
R
1
2
3
4
5
6
7


Similar Part No. - T436416D-6CG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416A TMT-T436416A Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10S TMT-T436416A-10S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-10SG TMT-T436416A-10SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6S TMT-T436416A-6S Datasheet
712Kb / 29P
   4M X 16 SDRAM
T436416A-6SG TMT-T436416A-6SG Datasheet
712Kb / 29P
   4M X 16 SDRAM
More results

Similar Description - T436416D-6CG

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T431616C TMT-T431616C Datasheet
720Kb / 30P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B TMT-T431616B Datasheet
567Kb / 31P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616D TMT-T431616D Datasheet
756Kb / 74P
   1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
HY57V28820HCT-I HYNIX-HY57V28820HCT-I Datasheet
178Kb / 11P
   4Banks x 4M x 8bits Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com