Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4112B-B Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4112B-B
Description  96kHz digital audio receiver.
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4112B-B Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4112B-B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4112B-B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4112B-B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4112B-B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4112B-B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4112B-B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4112B-B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4112B-B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4112B-B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ASAHI KASEI
[AKD4112B-B]
<KM080200>
2005/10
- 5 -
(2) Evaluation for TX
S/PDIF in (optical or BNC)– AK4112B – S/PDIF out (optical or BNC)
a. Set-up of a Bi-phase output signal
As for TX, only the loop back mode of RX corresponds. In serial mode, it can be selected by OPS1-0 bits.
This mode is not supported in parallel mode.
Connector
JP13 (TX)
Optical (PORT4)
OPT
BNC (J4)
BNC
Table 10. Set-up of TX
Serial control
The AK4112B can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect PORT6
(uP-I/F) with PC by 10-line flat cable packed with the AKD4112B-B. Take care of the direction of connector. There
is a mark at pin#1. The pin layout of PORT6 is as Figure 3.
Mode
SW1_6
JP18
Parallel
H
CDTO/CM0=“H” or CM0=“L”
Serial
L
SDA and CM0=“L” short
Table 11. Set-up of parallel mode and serial mode
PORT6
uP I/F
10
9
2
1
Figure 3. PORT6 pin layout
This evaluation board encloses control software. A software operation procedure is included in an evaluation board
manual.


Similar Part No. - AKD4112B-B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4112B AKM-AKD4112B Datasheet
467Kb / 17P
   AKD4112B EVALUATION BOARD
More results

Similar Description - AKD4112B-B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4096 TI1-DIT4096_15 Datasheet
939Kb / 26P
[Old version datasheet]   96kHz Digital Audio Transmitter
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Asahi Kasei Microsystem...
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com