Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM150DU-12F Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CM150DU-12F
Description  Trench Gate Design Dual IGBTMOD??150 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM150DU-12F Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CM150DU-12F Datasheet HTML 1Page - Powerex Power Semiconductors CM150DU-12F Datasheet HTML 2Page - Powerex Power Semiconductors CM150DU-12F Datasheet HTML 3Page - Powerex Power Semiconductors CM150DU-12F Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CM150DU-12F
Trench Gate Design Dual IGBTMOD™
150 Amperes/600 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25 °C unless otherwise specified
Ratings
Symbol
CM150DU-12F
Units
Junction Temperature
Tj
-40 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Collector-Emitter Voltage (G-E SHORT)
VCES
600
Volts
Gate-Emitter Voltage (C-E SHORT)
VGES
±20
Volts
Collector Current (Tc = 25°C)
IC
150
Amperes
Peak Collector Current
ICM
300*
Amperes
Emitter Current** (Tc = 25°C)
IE
150
Amperes
Peak Emitter Current**
IEM
300*
Amperes
Maximum Collector Dissipation (Tc = 25°C, Tj ≤ 150°C)
Pc
520
Watts
Mounting Torque, M5 Main Terminal
31
in-lb
Mounting Torque, M6 Mounting
40
in-lb
Weight
310
Grams
Isolation Voltage (Main Terminal to Baseplate, AC 1 min.)
Viso
2500
Volts
Static Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
20
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 15mA, VCE = 10V
5
6
7
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 150A, VGE = 15V, Tj = 25°C–
1.6
2.2
Volts
IC = 150A, VGE = 15V, Tj = 125°C–
1.6
Volts
Total Gate Charge
QG
VCC = 300V, IC = 150A, VGE = 15V
930
nC
Emitter-Collector Voltage**
VEC
IE = 150A, VGE = 0V
2.6
Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating.
** Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
2


Similar Part No. - CM150DU-12F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM150DU-12F MITSUBISHI-CM150DU-12F Datasheet
106Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM150DU-12F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM150DUS-12F POWEREX-CM150DUS-12F Datasheet
177Kb / 4P
   Trench Gate Design Dual IGBTMOD 150 Amperes/600 Volts
CM150TJ-12F POWEREX-CM150TJ-12F Datasheet
71Kb / 4P
   Trench Gate Design Six IGBTMOD??150 Amperes/600 Volts
CM150TU-12F POWEREX-CM150TU-12F Datasheet
134Kb / 4P
   Trench Gate Design Six IGBTMOD??150 Amperes/600 Volts
CM150DU-24F POWEREX-CM150DU-24F Datasheet
93Kb / 4P
   Trench Gate Design Dual IGBTMOD??150 Amperes/1200 Volts
CM100DU-12F POWEREX-CM100DU-12F Datasheet
115Kb / 4P
   Trench Gate Design Dual IGBTMOD??100 Amperes/600 Volts
CM300DU-12F POWEREX-CM300DU-12F Datasheet
67Kb / 4P
   Trench Gate Design Dual IGBTMOD??300 Amperes/600 Volts
CM75DU-12F POWEREX-CM75DU-12F Datasheet
380Kb / 4P
   Trench Gate Design Dual IGBTMOD??75 Amperes/600 Volts
CM400DU-12F POWEREX-CM400DU-12F Datasheet
67Kb / 4P
   Trench Gate Design Dual IGBTMOD??400 Amperes/600 Volts
CM100DUS-12F POWEREX-CM100DUS-12F Datasheet
214Kb / 4P
   Trench Gate Design Dual IGBTMOD 100 Amperes/600 Volts
CM600HU-12F POWEREX-CM600HU-12F Datasheet
101Kb / 4P
   Trench Gate Design Single IGBTMOD??600 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com