Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6313A Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T6313A
Description  Low Noise, High Efficiency WhiteLED Charge Pump
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T6313A Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T6313A Datasheet HTML 2Page - Taiwan Memory Technology T6313A Datasheet HTML 3Page - Taiwan Memory Technology T6313A Datasheet HTML 4Page - Taiwan Memory Technology T6313A Datasheet HTML 5Page - Taiwan Memory Technology T6313A Datasheet HTML 6Page - Taiwan Memory Technology T6313A Datasheet HTML 7Page - Taiwan Memory Technology T6313A Datasheet HTML 8Page - Taiwan Memory Technology T6313A Datasheet HTML 9Page - Taiwan Memory Technology T6313A Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TE
CH
tm
Preliminary T6313A
TM Technology Inc. reserves the right
P. 6
Publication Date: JAN. 2006
to change products or specifications without notice.
Revision:C
Functional Description
The T6313A uses a fractional (x1.5)
conversion charge pump to generate a voltage
for the regulated current sinks. These current
sinks are used to ensure a constant current for
each LED.
The charge pump can generate total 80
mA of output current, so each of the 4 LED
outputs can be powered with up to 20 mA of
current.
The T6313A uses two wires to enable
and set the LED currents. The EN pin is used
to either enabling or disabling the T6313A.
When EN is high, then the numbers of
pulse shift from SET pin are valid and an
internal counter counts up from 1 from the
first rising edge of SET and increases by one
when another rising edge of SET is shifted in.
The outputs of the counter will map to 32
levels of LED current. Each level (code) is
mapped to a different current, which is a
defferent brightness (Fig-2 & Tabel1). Once
the final clock cycle is input for the desired
brightness level, the SET pin is held high to
maintain the device output current at the
programmed level. The device is disabled
350us after the SET pin transitions to a logic
low state. A level will stay until EN goes low.
T6313A is power down when EN goes low.
After EN goes low then any pulse shifting
from SET pin is invalid (Fig-3).
I diode(mA)
0
5
10
15
20
25
Code
Fig - 2


Similar Part No. - T6313A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6311A TMT-T6311A Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
T6311A-D TMT-T6311A-D Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
T6311A-X TMT-T6311A-X Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
List of Unclassifed Man...
T6316A ETC2-T6316A Datasheet
40Kb / 6P
   Low-Dropout, Constant-Current White LED Bias Supply
T6316A-D ETC2-T6316A-D Datasheet
40Kb / 6P
   Low-Dropout, Constant-Current White LED Bias Supply
More results

Similar Description - T6313A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3202 LINER-LTC3202 Datasheet
252Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
LTC3202 LINER-LTC3202_15 Datasheet
259Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
   High Voltage, Low Noise Inverting Charge Pump
logo
Advanced Analogic Techn...
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com