Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T62M99A-K Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T62M99A-K
Description  Digital Sound Processor Embedded 48K Bits SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T62M99A-K Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T62M99A-K Datasheet HTML 1Page - Taiwan Memory Technology T62M99A-K Datasheet HTML 2Page - Taiwan Memory Technology T62M99A-K Datasheet HTML 3Page - Taiwan Memory Technology T62M99A-K Datasheet HTML 4Page - Taiwan Memory Technology T62M99A-K Datasheet HTML 5Page - Taiwan Memory Technology T62M99A-K Datasheet HTML 6Page - Taiwan Memory Technology T62M99A-K Datasheet HTML 7Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TE
CH
tm
T62M99A
TM Technology Inc. reserves the right
P. 4
Publication Date: MAR. 2007
to change products or specifications without notice.
Revision:C
Electrical Characteristics (Ta=25ºC)
Test Conditions
Symbol
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
-
-
4.5
5.0
5.5
V
ICC
Operating Current
5V
-
-
15
30
mA
GV
Voltage Gain
5V
RL=47K
-
0.5
2.5
dB
VOMAX
Maximum Output Voltage
5V
THD=10%
1.0
1.5
-
Vrms
THD
Total Harmonic Distortion
5V
30KHz L.P.F.
-
0.5
1.5
%
No
Output Noise Voltage
5V
DIN Audio
-
-91
-
dbV
Absolute Maximum Ratings
Supply Voltage ………………………………………………….
-0.3V to 6V
Input Voltage ……………………………………………………
Vss-0.3V to VDD+0.3V
Storage Temperature …………………………………………….
-50ºC to 125ºC
Operating Temperature …………………………………………..
-20ºC to 70ºC
Note: These are stress ratings only. Stresses exceeding the range specified as “Absolute Maximum
Ratings” may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.


Similar Part No. - T62M99A-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T62M99A-K TMT-T62M99A-K Datasheet
52Kb / 7P
   Digital Sound Processor Embedded 48K Bits SRAM
More results

Similar Description - T62M99A-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T62M99A TMT-T62M99A Datasheet
52Kb / 7P
   Digital Sound Processor Embedded 48K Bits SRAM
T62M0002A TMT-T62M0002A_07 Datasheet
63Kb / 7P
   Digital Sound Processor Embedded SRAM
T62M0002A TMT-T62M0002A Datasheet
64Kb / 7P
   Digital Sound Processor Embedded SRAM
T62M0001A TMT-T62M0001A Datasheet
236Kb / 14P
   Digital Sound processor With 64K SRAM
T62M0001A TMT-T62M0001A_07 Datasheet
75Kb / 12P
   Digital Sound Processor With 64K SRAM
logo
NXP Semiconductors
TDA9875A PHILIPS-TDA9875A Datasheet
296Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
TDA9875 PHILIPS-TDA9875 Datasheet
279Kb / 92P
   Digital TV Sound Processor DTVSP
1998 Feb 13
logo
Renesas Technology Corp
D2-71083-LR RENESAS-D2-71083-LR Datasheet
1Mb / 33P
   Intelligent Digital Amplifier and Sound Processor
Mar. 19, 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com