Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15V256A-70D Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T15V256A-70D
Description  32K X 8 LOW POWER CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15V256A-70D Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T15V256A-70D Datasheet HTML 1Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 2Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 3Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 4Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 5Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 6Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 7Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 8Page - Taiwan Memory Technology T15V256A-70D Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TE
CH
tm
T15V256A
TM Technology Inc. reserves the right
P. 4
Publication Date: JUL. 2003
to change products or specifications without notice.
Revision:B
CAPACITANCE
(Vcc = 2.4V to 3.6V, Ta = 25
°C, f = 1 MHz)
PARAMETER
SYMBOL
CONDITION
MAX.
UNIT
Input Capacitance
C
IN
V
IN
= 0V
6
pF
Input/ Output Capacitance
C
I/O
V
OUT = 0V
8
pF
Note: These parameters are sampled but not 100% tested.
AC TEST CONDITIONS
PARAMETER
CONDITIONS
Input Pulse Levels
0.6V to 0.7Vcc
Input Rise and Fall Times
3 ns
Input and Output Timing Reference Level
1.4V
Output Load
See Fig. 1,2
AC TEST LOADS AND WAVEFORM
R1 - 1210 ohm
3.0V
OUTPUT
30pF
Including
Jig and
Scope
R2
1380 ohm
R1- 1210 ohm
3.0V
OUTPUT
5pF
Including
Jig and
Scope
R2
1380
ohm
(For TCLZ, TOLZ, TCHZ, TOHZ, TWHZ, TOW )
Fig 1
Fig 2


Similar Part No. - T15V256A-70D

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V256A-70D TMT-T15V256A-70D Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15V256A-70DI TMT-T15V256A-70DI Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
More results

Similar Description - T15V256A-70D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com