Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M1024A-100N Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # T15M1024A-100N
Description  128K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M1024A-100N Datasheet(HTML) 2 Page - Taiwan Memory Technology

  T15M1024A-100N Datasheet HTML 1Page - Taiwan Memory Technology T15M1024A-100N Datasheet HTML 2Page - Taiwan Memory Technology T15M1024A-100N Datasheet HTML 3Page - Taiwan Memory Technology T15M1024A-100N Datasheet HTML 4Page - Taiwan Memory Technology T15M1024A-100N Datasheet HTML 5Page - Taiwan Memory Technology T15M1024A-100N Datasheet HTML 6Page - Taiwan Memory Technology T15M1024A-100N Datasheet HTML 7Page - Taiwan Memory Technology T15M1024A-100N Datasheet HTML 8Page - Taiwan Memory Technology T15M1024A-100N Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TE
CH
tm
T15M1024A
TM Technology Inc. reserves the right
P. 2
Publication Date: OCT. 2004
to change products or specifications without notice.
Revision:C
PIN CONFIGURATIONS
DIP
&
SOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VDD
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O8
I/O7
I/O6
I/O5
I/O4
TSOP-I
(8x20mm)
&
(8x13.4mm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
CE2
A15
VDD
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
CE1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
PIN DESCRIPTIONS
SYMBOL DESCRIPTIONS
SYMBOL DESCRIPTIONS
A0 ~ A16 Address inputs
OE
Output enable input
I/O1~I/O8 Data inputs/outputs
VDD
Power supply
CE1
,CE2 Chip enable
VSS
Ground
WE
Write enable input
NC
No connection


Similar Part No. - T15M1024A-100N

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A-100N TMT-T15M1024A-100N Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A-100NI TMT-T15M1024A-100NI Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M1024A-100N

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com