Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS16DRFR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65LVDS16DRFR
Description  2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS16DRFR Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS16DRFR Datasheet HTML 1Page - Texas Instruments SN65LVDS16DRFR Datasheet HTML 2Page - Texas Instruments SN65LVDS16DRFR Datasheet HTML 3Page - Texas Instruments SN65LVDS16DRFR Datasheet HTML 4Page - Texas Instruments SN65LVDS16DRFR Datasheet HTML 5Page - Texas Instruments SN65LVDS16DRFR Datasheet HTML 6Page - Texas Instruments SN65LVDS16DRFR Datasheet HTML 7Page - Texas Instruments SN65LVDS16DRFR Datasheet HTML 8Page - Texas Instruments SN65LVDS16DRFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
THERMAL CHARACTERISTICS
SN65LVDS16, SN65LVP16
SN65LVDS17, SN65LVP17
SLLS625B – SEPTEMBER 2004 – REVISED NOVEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS(1)
INPUT
OUTPUT
GAIN CONTROL
BASE PART NUMBER
PART MARKING
Single-ended
LVDS
Yes
SN65LVDS16
EL
Single-ended
LVPECL
Yes
SN65LVP16
EK
Differential
LVDS
No
SN65LVDS17
EN
Differential
LVPECL
No
SN65LVP17
EM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
VCC
Supply voltage(2)
–0.5 V to 4 V
VI
Input voltage
–0.5 V to VCC + 0.5 V
VO
Output voltage
–0.5 V to VCC + 0.5 V
IO
VBB output current
±0.5 mA
HBM electrostatic discharge(3)
±3 kV
CDM electrostatic discharge(4)
±1500 V
Continuous power dissipation
See Power Dissipation Ratings Table
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground see Figure 1).
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A-7
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101
TA≤ 25°C
DERATING FACTOR
TA = 85°C
PACKAGE
CIRCUIT BOARD MODEL
POWER RATING
ABOVE TA = 25°C(1)
POWER RATING
Low-K(2)
403 mW
4.0 mW/°C
161 mW
DRF
High-K(3)
834 mW
8.3 mW/°C
333 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
In accordance with the Low-K thermal metric definitions of EIA/JESD51-3.
(3)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
θ
JB
Junction-to-board thermal resistance
93.3
°C/W
θ
JC
Junction-to-case thermal resistance
101.7
VCC = 3.3 V, TA = 25°C, 2 GHz, LVDS
132
Typical
VCC = 3.3 V, TA = 25°C, 2 GHz, LVPECL
83
PD
Device power dissipation
mW
VCC = 3.6 V, TA = 85°C, 2 GHz, LVDS
173
Maximum
VCC = 3.6 V, TA = 85°C, 2 GHz, LVPECL
108
2


Similar Part No. - SN65LVDS16DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS16DRFR TI-SN65LVDS16DRFR Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16DRFRG4 TI-SN65LVDS16DRFRG4 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
More results

Similar Description - SN65LVDS16DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS18 TI1-SN65LVDS18 Datasheet
497Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16 TI-SN65LVDS16 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS18 TI1-SN65LVDS18_15 Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com