Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T15M256B-85P Datasheet(PDF) 10 Page - Taiwan Memory Technology

Part # T15M256B-85P
Description  32K X 8 LOW POWER CMOS STATIC RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T15M256B-85P Datasheet(HTML) 10 Page - Taiwan Memory Technology

Back Button T15M256B-85P Datasheet HTML 5Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 6Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 7Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 8Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 9Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 10Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 11Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 12Page - Taiwan Memory Technology T15M256B-85P Datasheet HTML 13Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TE
CH
tm
T15M256B
TM Technology Inc. reserves the right
P. 10
Publication Date: OCT. 2003
to change products or specifications without notice.
Revision:C
PACKAGE DIMENSIONS
28-LEAD DIP SRAM (600 mil)
A
A1
B
B1
B2
B3
C
C1
D
D1
C2
Dimension in inches
Dimension in mm
Symbol
min.
typ.
max
min.
typ.
max.
A
1.440
1.450
1.460
36.58
36.83
37.08
A1
0.546
0.550
0.554
13.87
13.97
14.07
B
-
0.210
-
-
5.33
-
B1
0.100
-
-
2.54
-
-
B2
0.140
0.150
0.160
3.56
3.81
4.06
B3
0.015
-
-
0.38
-
-
C
-
0.100
-
-
2.54
-
C1
0.016
0.018
0.020
0.41
0.46
0.51
C2
-
0.060
-
-
1.52
-
D
0.600
0.612
0.624
15.24
15.54
15.85
D1
0.630
0.650
0.670
16.0
16.51
17.0


Similar Part No. - T15M256B-85P

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M256B-85P TMT-T15M256B-85P Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15M256B-85PI TMT-T15M256B-85PI Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - T15M256B-85P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com