Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3810 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N3810
Description  Silicon PNP Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3810 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N3810_02 Datasheet HTML 1Page - Semicoa Semiconductor 2N3810_02 Datasheet HTML 2Page - Semicoa Semiconductor 2N3810_02 Datasheet HTML 3Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. G
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N3810
Silicon PNP Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 100 µA
60
Volts
Collector-Base Cutoff Current
ICBO1
ICBO2
ICBO3
VCB = 60 Volts
VCB = 50 Volts
VCB = 50 Volts, TA = 150°C
10
10
10
µA
nA
µA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VEB = 5 Volts
VEB = 4 Volts
10
10
µA
nA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE2
hFE3
hFE4
hFE5
hFE6
hFE3-1/hFE3-2
IC = 10 µA, VCE = 5 Volts
IC = 100 µA, VCE = 5 Volts
IC = 1 mA, VCE = 5 Volts
IC = 10 mA, VCE = 5 Volts
IC = 100 µA, VCE = 5 Volts
TA = -55°C
IC = 100 µA, VCE = 5 Volts
100
150
150
125
60
0.9
450
450
1.0
Base-Emitter Voltage
VBE
|VBE1-VBE2|1
|VBE1-VBE2|2
|VBE1-VBE2|3
VCE = 5 Volts, IC = 100 µA
VCE = 5 Volts, IC = 10 µA
VCE = 5 Volts, IC = 100 µA
VCE = 5 Volts, IC = 10 mA
0.7
5
3
5
Volts
mVolts
mVolts
mVolts
Base-Emitter Saturation Voltage
VBEsat1
VBEsat2
IC = 100 µA, IB = 10 µA
IC = 1 mA, IB = 100 µA
0.7
0.8
Volts
Collector-Emitter Saturation
Voltage
VCEsat1
VCEsat2
IC = 100 µA, IB = 10 µA
IC = 1 mA, IB = 100 µA
0.20
0.25
Volts


Similar Part No. - 2N3810_02

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3810A CENTRAL-2N3810A Datasheet
52Kb / 1P
   Dual Transistors
logo
List of Unclassifed Man...
2N3810A ETC1-2N3810A Datasheet
141Kb / 1P
   SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Central Semiconductor C...
2N3810A CENTRAL-2N3810A Datasheet
113Kb / 2P
   DUAL PNP SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3810A NJSEMI-2N3810A Datasheet
251Kb / 2P
   PNP SILICON DIFFERENTIAL AMPLIFIERS
logo
Central Semiconductor C...
2N3810A CENTRAL-2N3810A Datasheet
662Kb / 3P
   SILICON DUAL PNP TRANSISTORS
More results

Similar Description - 2N3810_02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com