Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8817 Datasheet(PDF) 27 Page - Asahi Kasei Microsystems

Part # AK8817
Description  NTSC/PAL Digital Video Encoder
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8817 Datasheet(HTML) 27 Page - Asahi Kasei Microsystems

Back Button AK8817_07 Datasheet HTML 23Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 24Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 25Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 26Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 27Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 28Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 29Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 30Page - Asahi Kasei Microsystems AK8817_07 Datasheet HTML 31Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
ASAHI KASEI
[AK8817/18]
Rev.000E
27
2007 / 03
(15) On-chip Color Bar
The AK8817 can output Color Bar signal.
Color Bar signal to be generated has 100 % amplitude and 75 % Saturation levels.
Color Bar signal is output by setting register.
When to output Color Bar signal, there are 2 modes of operation – one is external Sync timing mode for normal
operation, and the other is internal self-operation mode.
In internal self-operating mode, required timing is internally generated automatically. Namely, it is no need to input
synchronization timing from outside of the chip.
Operation mode setting is done by Control 1 Register .
When BBG-bit is set, BBG-bit is prioritized ( Black Burst is output ).
Blanking Level
100%White
Synctip Level
The following values are code for ITU-R. BT601
WHITE
YELLOW
CYAN
GREEN
MAGENTA
RED
BLUE
BLACK
Cb
128
44
156
72
184
100
212
128
Y
235
162
131
112
84
65
35
16
Cr
128
142
44
58
198
212
114
128
(16) Black Burst Signal generation function
The AK8817 can output Black Burst signal ( Black level output ).
When to output Black Burst signal, there are 2 modes of operation – one is external Sync timing mode for normal
operation , and the other is internal self-operation mode.
In internal self-operation mode, required timing is internally generated automatically. Namely, it is no need to input
synchronization timing from outside of the chip.
When BBG-bit of [ Control 1 Register ] is set to “1”, same operation is processed as in the case where fixed-16 Y signal
and
fixed-128 Cb / Cr signal outputs are input.
Operation mode setting is done by Control 1 Register setting.


Similar Part No. - AK8817_07

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8817 AKM-AK8817_06 Datasheet
449Kb / 44P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817_09 Datasheet
432Kb / 50P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8817_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com