Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7752 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK7752
Description  Audio/Hands Free DSP with Stereo CODEC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7752 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK7752 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7752 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7752 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7752 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7752 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7752 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7752 Datasheet HTML 12Page - Asahi Kasei Microsystems AK7752 Datasheet HTML 13Page - Asahi Kasei Microsystems AK7752 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
[AK7752]
2) fs=48kHz
(Ta = 25
°C; AVDD, DVDD = 3.3V; VREFH = AVDD, VREFL = AVSS;
BITCLK = 64fs; Signal frequency 1kHz; Measurement frequency = 20Hz to 3.4kHz; fs = 48kHz;
CKM Mode 0 (CKM [3:0]=LLLL) Unless otherwise specified. )
Parameter
min
typ
max
Units
Resolution
24
Bits
Dynamic Characteristics
ADC
S/(N+D) (-1dBFS)
76
86
dB
Section
Dynamic Range (A-weighted)
(Note 12)
83
91
dB
S/N (A-weighted)
83
91
dB
Inter-Channel Isolation (f=1kHz) (Note 13)
90
110
dB
DC accuracy
Channel Gain Mismatch
0.2
0.5
dB
Analog Input
Input Voltage
(Note 14)
1.80
2.00
2.20
Vp-p
Input Impedance
35
50
kΩ
Resolution
18
Bits
Dynamic Characteristics
DAC
S/(N+D) (0 dB)
78
88
dB
Section
Dynamic Range (A-weighted)
(Note 12)
87
95
dB
S/N (A-weighted)
87
95
dB
Inter-Channel Isolation (f=1kHz) (Note 15)
85
100
dB
DC Accuracy
Channel Gain Mismatch
0.2
0.5
dB
Analog input
Output Voltage
(Note 16)
1.85
2.00
2.15
Vp-p
Load Resistance
10
kΩ
Load Capacitance
50
pF
Note 12. S/(N+D) when -60dB signal is applied.
Note 13. Inter-channel isolation between ALINE_IN and ANE_IN at –1 dB FS signal input.
Note 14. The full scale for analog input voltage is FS=(VREFH-VREFL)×0.606.
Note 15. Between ANE_OUT and ALINE_OUT.
Note 16. Full scale output voltage when VREFH=AVDD, VREFL=AVSS.
MS0578-E-01
-PB
2007/0
9
- 10 -


Similar Part No. - AK7752

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
AK7750VT AKM-AK7750VT Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK7754EN AKM-AK7754EN Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

Similar Description - AK7752

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7750 AKM-AK7750 Datasheet
804Kb / 77P
   Audio DSP with Built-in Hands-Free Phone Features
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
   Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
   Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com