Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5701 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5701
Description  16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5701 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5701_07 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5701_07 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
[AK5701]
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD, DVDD=3.0V; AVSS=DVSS=0V; PLL Master Mode; MCKI=12MHz, fs=44.0995kHz, BCLK=64fs;
Signal Frequency=1kHz; 16bit Data; Measurement frequency=20Hz
∼ 20kHz; unless otherwise specified)
Parameter
Min
Typ
max
Units
MIC Amplifier: LIN1, RIN1, LIN2, RIN2 pins; MDIF1 = MDIF2 bits = “0” (Single-ended inputs)
MGAIN1-0 bits = “00”
40
60
80
k
Ω
Input
Resistance
MGAIN1-0 bits = “01” or “10”
20
30
40
k
Ω
MGAIN1-0 bits = “00”
-
0
-
dB
MGAIN1-0 bits = “01”
-
+15
-
dB
Gain
MGAIN1-0 bits = “10”
-
+30
-
dB
MIC Amplifier: LIN+, LIN
−, RIN+, RIN− pins; MDIF1 = MDIF2 bits = “1” (Full-differential input)
Input Voltage (Note 7)
MGAIN1-0 bits = “01”
-
-
0.37
Vpp
MGAIN1-0 bits = “10”
-
-
0.066
Vpp
MIC Power Supply: MPWR pin
Output Voltage (Note 8)
2.02
2.25
2.48
V
Load Resistance
0.5
-
-
k
Ω
Load Capacitance
-
-
30
pF
ADC Analog Input Characteristics: LIN1/RIN1/LIN2/RIN2 pins (Single-ended inputs)
→ ADC → IVOL,
MGAIN=+15dB, IVOL=0dB, ALC=OFF
Resolution
-
-
16
Bits
MGAIN=+30dB
-
0.057
-
Vpp
MGAIN=+15dB
0.27
0.32
0.37
Vpp
Input Voltage (Note 9)
MGAIN=0dB
1.53
1.80
2.07
Vpp
67
77
-
dB
S/(N+D) (
−0.5dBFS) (Note 10)
79
87
-
dB
D-Range (
−60dBFS, A-weighted) (Note 11)
S/N (A-weighted) (Note 11)
79
87
-
dB
Interchannel Isolation (Note 12)
80
90
-
dB
MGAIN=+30dB
-
0.2
-
dB
MGAIN=+15dB
-
0.2
1.0
dB
Interchannel Gain Mismatch
MGAIN=0dB
-
0.2
0.5
dB
Power Supplies:
Power Supply Current: AVDD+DVDD
Power Up (PDN pin = “H”) (Note 13)
-
8
12
mA
Power Down (PDN pin = “L”) (Note 14)
-
1
20
μA
Note 7. The voltage difference between LIN+/RIN+ and LIN
−/RIN− pins. AC coupling capacitor should be connected in
series at each input pin. Full-differential input is not available at MGAIN1-0 bits = “00”. Maximum input voltage
of LIN+, LIN
−, RIN+ and RIN− pins is proportional to AVDD voltage, respectively.
Vin = |(L/RIN+)
− (L/RIN−)| = 0.123 x AVDD (max)@MGAIN1-0 bits = “01”, 0.022 x AVDD
(max)@MGAIN1-0 bits = “10”.
When the signal larger than above value is input to LIN+, LIN
−, RIN+ or RIN− pin, ADC does not operate
normally.
Note 8. Output voltage is proportional to AVDD voltage. Vout = 0.75 x AVDD (typ).
Note 9. Input voltage is proportional to AVDD voltage. Vin = 0.107 x AVDD (typ)@MGAIN1-0 bits = “01” (+15dB),
Vin = 0.6 x AVDD(typ)@MGAIN1-0 bits = “00” (0dB).
Note 10. 80dB(typ)@MGAIN=0dB, 70dB(typ)@MGAIN=+30dB
Note 11. 89dB(typ)@MGAIN=0dB, 77dB(typ)@MGAIN=+30dB
Note 12. 100dB(typ)@MGAIN=0dB, 80dB(typ)@MGAIN=+30dB
Note 13. PLL Master Mode (MCKI=12MHz), PMADL = PMADR = PMVCM = PMPLL = PMMP = M/S bits = “1” and
MCKO bit = “0”. MPWR pin outputs 0mA. AVDD=6.4mA(typ), DVDD=1.6mA(typ).
EXT Slave Mode (PMPLL = M/S = MCKO bits = “0”): AVDD=5.7mA(typ), DVDD=1.3mA(typ).
Bypass Mode (THR bit = “1”, PMADL = PMADR = M/S bits = “0”), fs=8kHz: AVDD=1
μA(typ),
DVDD=150
μA(typ).
Note 14. All digital input pins are fixed to DVDD or DVSS.
MS0404-E-02
2007/08
- 6 -


Similar Part No. - AK5701_07

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK5701VN AKM-AK5701VN Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
More results

Similar Description - AK5701_07

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
   16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
AK5701KN AKM-AK5701KN_17 Datasheet
1Mb / 64P
   PLL & MIC-AMP?낁뵷16-Bit Stereo ADC
AK4537 AKM-AK4537 Datasheet
556Kb / 76P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4642VN AKM-AK4642VN Datasheet
591Kb / 82P
   16-Bit ?誇 Stereo CODEC with MIC/HP/SPK-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK5703EN AKM-AK5703EN Datasheet
914Kb / 76P
   4-Channel 24-bit ADC with PLL & MIC-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com