Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74TVC3010DGVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74TVC3010DGVRG4
Description  10-BIT VOLTAGE CLAMP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC3010DGVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74TVC3010DGVRG4 Datasheet HTML 1Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 2Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 3Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 4Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 5Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 6Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 7Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 8Page - Texas Instruments SN74TVC3010DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088G – APRIL 1999 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed to be Used in Voltage-Limiting
Applications
D 6.5-Ω On-State Connection Between Ports
A and B
D Flow-Through Pinout for Ease of Printed
Circuit Board Trace Routing
D Direct Interface With GTL+ Levels
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)
description/ordering information
The SN74TVC3010 provides 11 parallel NMOS
pass transistors with a common gate. The low
on-state
resistance
of
the
switch
allows
connections to be made with minimal propagation
delay.
The device can be used as a 10-bit switch with the gates cascaded together to a reference transistor. The
low-voltage side of each pass transistor is limited to a voltage set by the reference transistor. This is done to
protect components with inputs that are sensitive to high-state voltage-level overshoots. (See Application
Information in this data sheet.)
All of the transistors in the TVC array have the same electrical characteristics; therefore, any one of them can
be used as the reference transistor. Since, within the device, the characteristics from transistor to transistor are
equal, the maximum output high-state voltage (VOH) is approximately the reference voltage (VREF), with
minimal deviation from one output to another. This is a large benefit of the TVC solution over discrete devices.
Because the fabrication of the transistors is symmetrical, either port connection of each bit can be used as the
low-voltage side, and the I/O signals are bidirectional through each FET.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
SOIC – DW
Tube
SN74TVC3010DW
TVC3010
–40 C to 85 C
SOIC – DW
Tape and reel
SN74TVC3010DWR
TVC3010
–40
°C to 85°C
SSOP (QSOP) – DBQ
Tape and reel
SN74TVC3010DBQR
TVC3010
TSSOP – PW
Tape and reel
SN74TVC3010PWR
TT010
TVSOP – DGV
Tape and reel
SN74TVC3010DGVR
TT010
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
GATE
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74TVC3010DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3010DGVR TI1-SN74TVC3010DGVR Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
More results

Similar Description - SN74TVC3010DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com