Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC21PWTE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HC21PWTE4
Description  DUAL 4-INPUT POSITIVE-AND GATES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC21PWTE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC21PWTE4 Datasheet HTML 1Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 2Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 3Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 4Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 5Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 6Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 7Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 8Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54HC21, SN74HC21
DUAL 4INPUT POSITIVEAND GATES
SCLS087E − DECEMBER 1982 − REVISED AUGUST 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
OUTPUT
Y
H
H
H
H
H
L
XX
X
L
X
LX
X
L
X
XL
X
L
X
X
X
L
L
logic diagram (positive logic)
1A
1Y
1B
1C
1D
2A
2Y
2B
2C
2D
1
2
4
5
9
10
12
13
68
Pin numbers shown are for the D, J, N, NS, PW, and W packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN74HC21PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC21PWTE4 TI-SN74HC21PWTE4 Datasheet
425Kb / 14P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74HC21PWTE4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com