Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4646 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4646
Description  Stereo CODEC with MIC/SPK-AMP
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4646 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4646 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4646 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
[AK4646]
MS0557-E-02
2007/05
- 7 -
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS, SVSS=0V; Note 3)
Parameter
Symbol
min
max
Units
Power
Supplies:
Analog
AVDD
−0.3
4.6
V
Digital
DVDD
−0.3
4.6
V
Speaker-Amp
SVDD
−0.3
4.6
V
|AVSS – DVSS|
(Note 4)
ΔGND1
-
0.3
V
|AVSS – SVSS|
(Note 4)
ΔGND2
-
0.3
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (Note 5)
VINA
−0.3
AVDD+0.3
V
Digital Input Voltage (Note 6)
VIND
−0.3
DVDD+0.3
V
Ambient Temperature (powered applied)
Ta
−30
85
°C
Storage Temperature
Tstg
−65
150
°C
Maximum Power Dissipation (Note 7)
Pd1
-
450
mW
Note 3. All voltages are with respect to ground.
Note 4. AVSS, DVSS and SVSS must be connected to the same analog ground plane.
Note 5.MIN, RIN2/IN2
−, LIN2/IN2+, LIN1/IN1−, RIN1/IN1+ pins
Note 6. PDN, CSN, CCLK, CDTIO, SDTI, LRCK, BICK, MCKI pins
Pull-up resistors at SDA and SCL pins should be connected to DVDD or less voltage.
Note 7. In case that PCB wiring density is 100%. This power is the AK4646 internal dissipation that does not include
power of externally connected speaker.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS, SVSS=0V; Note 3)
Parameter
Symbol
min
typ
Max
Units
Power Supplies
Analog
AVDD
2.2
3.3
3.6
V
(Note 8) Digital
DVDD
1.6
3.3
3.6
V
SPK-Amp (Note 9)
SVDD
2.2
3.3
4.0
V
Difference
DVDD
−AVDD
-
-
+0.3
V
DVDD
−SVDD
-
-
+0.3
V
Note 3. All voltages are with respect to ground.
Note 8. The power-up sequence between AVDD, DVDD and SVDD is not critical. When AVDD or SVDD is powered
OFF, the power supply current of DVDD at power-down mode may be increased. When the power supplies are
partially powered OFF, the AK4646 must be reset by bringing PDN pin “L” after these power supplies are
powered ON again.
Note 9. SVDD = 2.2
∼ 3.6V when 8Ω dynamic speaker is connected to the AK4646.
* AKEMD assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AKD4646

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4646 AKM-AKD4646 Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AKD4646 AKM-AKD4646 Datasheet
734Kb / 81P
   Stereo CODEC with MIC/SPK-AMP
AKD4646-B AKM-AKD4646-B Datasheet
576Kb / 30P
   Stereo CODEC with built-in MIC/SPK amplifier
More results

Similar Description - AKD4646

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4646 AKM-AK4646_11 Datasheet
734Kb / 81P
   Stereo CODEC with MIC/SPK-AMP
AK4646EZ AKM-AK4646EZ Datasheet
842Kb / 78P
   Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4675 AKM-AK4675 Datasheet
2Mb / 178P
   Stereo CODEC with MIC/RCV/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4954AEN AKM-AK4954AEN Datasheet
569Kb / 26P
   32bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com