Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4645 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4645
Description  Stereo CODEC with MIC/HP-AMP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4645 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4645 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4645 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4645 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4645 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4645 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4645 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4645 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4645 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4645 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
[AK4645EZ]
MS0605-E-00
2007/06
- 11 -
Power Consumption for each operation mode
Condtions: Ta=25
°C; AVDD=DVDD=TVDD=HVDD=3.3V; AVSS=HVSS=0V; fs=44.1kHz, External Slave Mode,
BICK=64fs; 1kHz, 0dBFS input; Headphone = No output.
Power Management Bit
Mode
All Power-down
0
0
0
0
0
0
0
0
0
000000
0
0
0
0
0
0
DAC
Lineout
1
0
1
1
0
0
0
0
0
000000
0
4.4
1.8
0.03
0.2
21.2
DAC
HP
1
0
0
1
0
1
1
0
0
000000
0
3.8
1.8
0.03
5
35.1
LIN2/RIN2
HP
1
0
0
0
0
1
1
0
0
011000
0
1.9
0
0
5
22.8
LIN2/RIN2
ADC
1
0
0
0
1
0
0
1
0
000000
0
5.5
1.6
0.03
0.2
24.2
LIN1 (Mono)
ADC
1
0
0
0
1
0
0
0
0
000000
0
3.5
1.5
0.03
0.2
17.3
LIN2/RIN2
ADC
& DAC
HP
1
0
0
1
1
1
1
1
0
000000
0
8.3
2.7
0.03
5
52.9
Table 1. Power Consumption for each operation mode (typ)


Similar Part No. - AKD4645

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4645 AKM-AKD4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AKD4645-B AKM-AKD4645-B Datasheet
879Kb / 40P
   Stereo CODEC with built-in MIC/HP amplifier
AKD4645A-A AKM-AKD4645A-A Datasheet
1Mb / 53P
   Evaluation board Rev.1 for AK4645A
More results

Similar Description - AKD4645

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
AK4647 AKM-AK4647 Datasheet
547Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4644 AKM-AK4644 Datasheet
805Kb / 96P
   Stereo CODEC with MIC/HP/RCV-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4671 AKM-AK4671_10 Datasheet
1Mb / 166P
   Stereo CODEC with MIC/RCV/HP-AMP
AK4671 AKM-AK4671 Datasheet
1Mb / 164P
   Stereo CODEC with MIC/RCV/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com