Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4634 Datasheet(PDF) 56 Page - Asahi Kasei Microsystems

Part # AK4634
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4634 Datasheet(HTML) 56 Page - Asahi Kasei Microsystems

Back Button AK4634 Datasheet HTML 52Page - Asahi Kasei Microsystems AK4634 Datasheet HTML 53Page - Asahi Kasei Microsystems AK4634 Datasheet HTML 54Page - Asahi Kasei Microsystems AK4634 Datasheet HTML 55Page - Asahi Kasei Microsystems AK4634 Datasheet HTML 56Page - Asahi Kasei Microsystems AK4634 Datasheet HTML 57Page - Asahi Kasei Microsystems AK4634 Datasheet HTML 58Page - Asahi Kasei Microsystems AK4634 Datasheet HTML 59Page - Asahi Kasei Microsystems AK4634 Datasheet HTML 60Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
[AK4634]
Rev. 0.5
2007/10
- 56 -
Serial Control Interface
(1) 3-wire Serial Control Mode (I2C pin = “L”)
Internal registers may be written and read by using the 3-wire µP interface pins (CSN, CCLK and CDTIO). The data on
this interface consists of Read/Write, Register address (MSB first, 7bits) and Control data (MSB first, 8bits). Address and
data is clocked in on the rising edge of CCLK and data is clocked out on the falling edge. Data writing is valid on the
rising edge of the 16th CCLK after the falling edge of CSN. CSN should be set to “H” every after a data writing for each
address. In reading operation, the CDTIO pin changes to output mode at the falling edge of 8th CCLK and outputs
D7-D0. The output finishes on the rising edge of CSN. However this reading function is available only at READ bit = “1”.
When READ bit = “0”, the CDTIO pin stays as Hi-Z even after the falling edge of 8th CCLK. The CDTIO pin is placed
in a Hi-Z state except outputting data at read operation mode. The clock speed of CCLK is 5MHz (max). The value of
internal registers is initialized at the PDN pin = “L”.
Note 38. It is available for reading the address 00H ~ 11H, 20H ~ 24H and 30H. When reading the address 12H ~ 1FH,
25H ~ 2F and 31H ~ 4FH, the register values are invalid.
CSN
CCLK
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
CDTIO
A6 A5
A2
A3
A1 A0
A4
D7 D6 D5 D4 D3 D2 D1 D0
R/W
R/W:
READ/WRITE (“1”: WRITE, “0”: READ)
A6-A0:
Register Address
D7-D0:
Control data
Clock, “H” or “L”
Clock, “H” or “L”
“H” or “L”
“H” or “L”
Figure 47. Serial Control I/F Timing


Similar Part No. - AK4634

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
More results

Similar Description - AK4634

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com