Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4631 Datasheet(PDF) 66 Page - Asahi Kasei Microsystems

Part # AK4631
Description  16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4631 Datasheet(HTML) 66 Page - Asahi Kasei Microsystems

Back Button AK4631_1 Datasheet HTML 61Page - Asahi Kasei Microsystems AK4631_1 Datasheet HTML 62Page - Asahi Kasei Microsystems AK4631_1 Datasheet HTML 63Page - Asahi Kasei Microsystems AK4631_1 Datasheet HTML 64Page - Asahi Kasei Microsystems AK4631_1 Datasheet HTML 65Page - Asahi Kasei Microsystems AK4631_1 Datasheet HTML 66Page - Asahi Kasei Microsystems AK4631_1 Datasheet HTML 67Page - Asahi Kasei Microsystems AK4631_1 Datasheet HTML 68Page - Asahi Kasei Microsystems AK4631_1 Datasheet HTML 69Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
ASAHI KASEI
[AK4631]
MS0317-E-01
2004/11
- 66 -
Stop of Clock
Master clock can be stopped when ADC, DAC, ALC1, ALC2 and IPGA don’t operate.
1. In case of PLL Master Mode
MCKPD bit
(Addr:01H,D2)
External MCKI
PMPLL bit
(Addr:01H,D0)
MCKO bit
(Addr:01H,D1)
Input
(4)
(1)
(2)
(3)
"H"or"L"
Example:
Audio I/F Format: DSP Mode, BCKP = MSBS = “0”
BICK frequency at Master Mode : 64fs
Input Master Clock Select at PLL Mode : 11.2896MHz
Sampling Frequency:8kHz
Stop an external MCKI
(1) (2) (3) Addr:01H, Data:0CH
Figure 52. Clock Stopping Sequence (1)
<Example>
(1) Power down PLL: PMPLL bit = “1”
→ “0”
(2) Stop MCKO clock: MCKO bit = “1”
→ “0”
(3) Pull down the MCKI pin: MCKPD bit = “0”
→ “1”
When the external master clock becomes Hi-Z, MCKI pin should be pulled down.
(4) Stop an external master clock.
2. When an external clocks (FCK or BICK pins) are used in PLL Slave Mode.
External BICK
PMPLL bit
(Addr:01H,D0)
Input
(1)
(2)
External FCK
Input
(2)
Example
Audio I/F Format : DSP Mode, BCKP = MSBS = “0”
PLL Reference clock: BICK
BICK frequency: 64fs
Sampling Frequency: 8kHz
(1) Addr:01H, Data:04H
(2) Stop the external clocks
Figure 53. Clock Stopping Sequence (2)
<Example>
(1) Power down PLL: PMPLL bit = “1”
→ “0”
(2) Stop the external BICK and FCK clocks


Similar Part No. - AK4631_1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results

Similar Description - AK4631_1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4640 AKM-AK4640_05 Datasheet
648Kb / 78P
   16-Bit ?誇 CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com