Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4397 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4397
Description  High Performance Premium 32-Bit DAC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4397 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4397 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4397 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4397 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4397 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4397 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4397 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4397 Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4397 Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4397 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
[AK4397]
MS0616-E-00
2007/05
- 11 -
DC CHARACTERISTICS
(Ta=25
°C; AVDD=VDDL/R=4.75 ~ 5.25V, DVDD=4.75 ~ 5.25V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.4
-
-
-
-
0.8
V
V
High-Level Output Voltage
(Iout =
−100μA)
Low-Level Output Voltage
(Iout = 100
μA)
VOH
VOL
DVDD
−0.5
-
-
-
-
0.5
V
V
Input Leakage Current
(Note 16)
Iin
-
-
±10
μA
Note 16. DFS0 and P/S pins have internal pull-up devices, nominally 100k
Ω. Therefore DFS0 pin and P/S pin are not
included.


Similar Part No. - AKD4397

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4397-SB AKM-AKD4397-SB Datasheet
463Kb / 30P
   192kHz sampling 32Bit ?誇 DAC
More results

Similar Description - AKD4397

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4392 AKM-AK4392 Datasheet
565Kb / 41P
   High Performance 120dB Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
   High Performance 123dB Premium 32-Bit DAC
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
   High Performance 114dB 32-Bit DAC
AK4495EQ AKM-AK4495EQ Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4452VN AKM-AK4452VN Datasheet
2Mb / 91P
   115dB 768kHz 32-bit 2ch Premium DAC
AK4495SEQ AKM-AK4495SEQ Datasheet
1Mb / 58P
   Quality-oriented Premium 32-Bit 2ch DAC
AK4458 AKM-AK4458 Datasheet
2Mb / 84P
   115dB 768kHz 32-bit 8ch Premium DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com