Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4359 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4359
Description  106dB 192kHz 24-Bit 8ch DAC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4359 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4359 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ASAHI KASEI
[AK4359]
MS0289-E-02
2006/03
- 3 -
Compatibility with AK4384
1. Function
Functions
AK4384
AK4359
# of channels
2
8
I2C
Not available
Available
DEM control
Register
Pin/Register
16/20bit LSB justified format
control
Register
Pin/Register
2. Pin Configuration
AK4359
AK4384
Pin#
Pin#
AK4384
AK4359
MCLK
MCLK
1
30
DZFL
DZF1
BICK
BICK
2
29
DZFR
DZF2
SDTI1
SDTI
3
28
VDD
AVDD
LRCK
LRCK
4
27
VSS
AVSS
RSTB
PDN
5
26
VCOM
VCOM
SMUTE/CSN/CAD0
SMUTE/CSN
6
25
AOUTL
LOUT1
ACKS/CCLK/SCL
ACKS/CCLK
7
24
AOUTR
ROUT1
DIF0/CDTI/SDA
DIF0/CDTI
8
23
P/S
P/S
SDTI2
9
22
LOUT2
SDTI3
10
21
ROUT2
SDTI4
11
20
LOUT3
DIF1
12
19
ROUT3
DEM0
13
18
LOUT4
DVDD
14
17
ROUT4
DVSS
15
16
I2C/DEM1
3. Register map
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H
Control 1
ACKS
TDM1
TDM0
DIF2
DIF1
DIF0
PW1
RSTN
01H
Control 2
0
0
SLOW
DFS1
DFS0
DEM1
DEM0
SMUTE
02H
Control 3
PW4
PW3
PW2
0
0
DZFB
0
0
03H
LOUT1 ATT Control
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
04H
ROUT1 ATT Control
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
05H
LOUT2 ATT Control
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
06H
ROUT2 ATT Control
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
07H
LOUT3 ATT Control
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
08H
ROUT3 ATT Control
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
09H
LOUT4 ATT Control
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
0AH
ROUT4 ATT Control
ATT7
ATT6
ATT5
ATT4
ATT3
ATT2
ATT1
ATT0
0BH
Invert Output Signal
INVL1
INVR1
INVL2
INVR2
INVL3
INVR3
INVL4
INVR4
0CH
DZF1 Control
L1
R1
L2
R2
L3
R3
L4
R4
0DH
DZF2 Control
L1
R1
L2
R2
L3
R3
L4
R4
0EH
DEM Control
0
0
0
0
DEMA
DEMB
DEMC
DEMD
: Compatible with AK4384’s register.


Similar Part No. - AKD4359

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4359 AKM-AKD4359 Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
AKD4359-SC AKM-AKD4359-SC Datasheet
393Kb / 33P
   the 24bit 8ch D/A converter.
AKD4359A AKM-AKD4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
More results

Similar Description - AKD4359

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4440 AKM-AK4440 Datasheet
656Kb / 31P
   192kHz 24-Bit 8ch DAC with 2Vrms Output
AK4358 AKM-AK4358_06 Datasheet
398Kb / 36P
   192kHz 24-Bit 8ch DAC with DSD Input
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com