Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4358VQ Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4358VQ
Description  192kHz 24-Bit 8ch DAC with DSD Input
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4358VQ Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4358VQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ASAHI KASEI
[AK4358]
MS0203-E-01
2006/02
- 5 -
45
LOUT2-
O
DAC2 Lch Negative Analog Output Pin
46
LOUT2+
O
DAC2 Lch Positive Analog Output Pin
47
ROUT1-
O
DAC1 Rch Negative Analog Output Pin
48
ROUT1+
O
DAC1 Rch Positive Analog Output Pin
Note: All input pins except pull-down pin should not be left floating.
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS=0V; Note 1)
Parameter
Symbol
Min
Max
Units
Power Supplies
Analog
Digital
|AVSS-DVSS|
(Note 2)
AVDD
DVDD
∆GND
-0.3
-0.3
-
6.0
6.0
0.3
V
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage
VINA
-0.3
AVDD+0.3
V
Digital Input Voltage
VIND
-0.3
DVDD+0.3
V
Ambient Operating Temperature
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 1. All voltages with respect to ground.
Note 2. AVSS and DVSS must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS=0V; Note 1)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
(Note 3)
Analog
Digital
AVDD
DVDD
4.75
4.75
5.0
5.0
5.25
5.25
V
V
Voltage Reference
VREF
AVDD-0.5
-
AVDD
V
Note 3. The power up sequence between AVDD and DVDD is not critical.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4358VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4358VQ AKM-AK4358VQ Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
More results

Similar Description - AK4358VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4383 AKM-AK4383 Datasheet
280Kb / 25P
   192kHz 24-Bit 2ch DAC with DSD input
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
   192kHz 24-Bit 6ch DAC with DSD Input
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4359 AKM-AK4359_06 Datasheet
474Kb / 33P
   106dB 192kHz 24-Bit 8ch DAC
AK4440 AKM-AK4440 Datasheet
656Kb / 31P
   192kHz 24-Bit 8ch DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728 Datasheet
266Kb / 28P
   24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
logo
Asahi Kasei Microsystem...
AK4358 AKM-AK4358 Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com