Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4358VQ Datasheet(PDF) 33 Page - Asahi Kasei Microsystems

Part # AK4358VQ
Description  192kHz 24-Bit 8ch DAC with DSD Input
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4358VQ Datasheet(HTML) 33 Page - Asahi Kasei Microsystems

Back Button AK4358VQ Datasheet HTML 28Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 29Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 30Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 31Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 32Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 33Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 34Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 35Page - Asahi Kasei Microsystems AK4358VQ Datasheet HTML 36Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ASAHI KASEI
[AK4358]
MS0203-E-01
2006/02
- 33 -
4. External Analog Filter
It is recommended by SACD format book (Scarlet Book) that the filter response at SACD playback is an analog low pass
filter with a cut-off frequency of maximum 50kHz and a slop of minimum 30dB/Oct. The AK4358 can achieve this filter
response by combination of the internal filter (Table 18) and an external filter (Figure 27).
Frequency
Gain
20kHz
-0.4dB
50kHz
-2.8dB
100kHz
-15.5dB
Table 18. Internal Filter Response at DSD mode
1.8k
4.3k
1.0k
1.8k
1.0k
4.3k
270p
+Vop
270p
-Vop
AOUT-
AOUT+
3300p
Analog
Out
2.0k
2.0k
2200p
-
+
2.5Vpp
5.65Vpp
2.5Vpp
Figure 27. External 3rd order LPF Circuit Example
Frequency
Gain
20kHz
-0.05dB
50kHz
-0.51dB
100kHz
-16.8dB
DC gain = 1.07dB
Table 19. 3rd order LPF (Figure 27) Response
3.9k
4.7k
R1
3.9k
R1
4.7k
470p
+Vop
470p
-Vop
AOUT-
AOUT+
3900p
When R1=180Ω
When R1=150Ω
fc=90.1kHz, Q=0.735, g=-0.04dB at 40kHz
fc=99.0kHz, Q=0.680, g=-0.23dB at 40kHz
Analog
Out
2.5Vpp
2.5Vpp
6.05Vpp
Figure 28. External 2
nd order LPF Circuit Example for PCM


Similar Part No. - AK4358VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4358VQ AKM-AK4358VQ Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
More results

Similar Description - AK4358VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4383 AKM-AK4383 Datasheet
280Kb / 25P
   192kHz 24-Bit 2ch DAC with DSD input
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
   192kHz 24-Bit 6ch DAC with DSD Input
AK4359A AKM-AK4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
AK4359 AKM-AK4359_06 Datasheet
474Kb / 33P
   106dB 192kHz 24-Bit 8ch DAC
AK4440 AKM-AK4440 Datasheet
656Kb / 31P
   192kHz 24-Bit 8ch DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728 Datasheet
266Kb / 28P
   24-bit, 192kHz Stereo DAC with Volume Control and DSD Support
logo
Asahi Kasei Microsystem...
AK4358 AKM-AK4358 Datasheet
457Kb / 35P
   192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
   24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
   24-bit, 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com