Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4254 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD4254
Description  Capacitor-less Video Amp with 7:2 Video Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4254 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD4254 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4254 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4254 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4254 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4254 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4254 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4254 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4254 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4254 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
[AK4254]
MS0586-E-01
2007/08
- 1 -
GENERAL DESCRIPTION
The AK4254 is a 2ch Video AMP with 7:2 video switch, input clamp circuit, LPF and charge pump circuit.
The integrated charge pump circuit can generate the negative power supply and remove the output
coupling capacitor. The AK4254 suits Car Navigation system. The AK4254 is offered in a space saving
30pin VSOP package.
FEATURES
1. Video Section
• Composite Signal Inputs/Output
• Selector for 7 inputs and 2 outputs
• Video Driver for Composite Signal Output (+6dB)
• On-Chip Sync-tip Clamp Circuit
• 6MHz Low Pass Filter
• Charge pump circuit for negative power supply
• Parallel I/F or Serial µP I/F (I2C, 3-wires serial)
2. Power Supply: 2.7V ~ 3.6V
3. Ta=-40
∼ +85°C
4. Package: 30pin VSOP
1uF
1uF
PDN
P/S
I2C/SEL22
CDTI/SDA/SEL21
CCLK/SCL/SEL20
CSN/SEL12
CAD1/SEL11
CAD0/SEL10
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
+6dB
Control
I/F
SW1
SW2
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
VOUT1
VOUT2
Charge
Pump
Clock
Generator
CP2
CN2
CVEE2 CVSS2
+6dB
0.1uF
Clock
Generator
Charge
Pump
CP1
AVDD
AVSS
TEST
CVDD2
1uF
1uF
Sync-tip
Clamp
LPF
LPF
CVSS1
CVEE1
CN1 CVDD1
Figure 1. Block Diagram
Capacitor-less Video Amp with 7:2 Video Switch
AK4254


Similar Part No. - AKD4254

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4254-A AKM-AKD4254-A Datasheet
978Kb / 24P
   7:2 video switches
More results

Similar Description - AKD4254

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
logo
Asahi Kasei Microsystem...
AK4204 AKM-AK4204 Datasheet
310Kb / 13P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4203 AKM-AK4203 Datasheet
152Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4203 AKM-AK4203 Datasheet
244Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
logo
Texas Instruments
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com