Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7056 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7056
Description  Integrated Circuit Vertical Deflection Output Circuit for Color TV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7056 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7056 Datasheet HTML 1Page - NTE Electronics NTE7056 Datasheet HTML 2Page - NTE Electronics NTE7056 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE7056
Integrated Circuit
Vertical Deflection Output Circuit for Color TV
Description:
The NTE7056 is an integrated circuit in a 9−Lead SIP type package designed for use as a vertical
deflection output circuit for 9” to 21” color television sets. This device requires no voltage−boosted
pulses and can therefore be connected to a chrominance−video deflection IC such as the NTE1793,
deflection ICs such as the NTE1664, or similar devices. The package is designed for one−point fixing,
reducing installation man−hours.
Features:
D Requires High Power Voltage Only During Flyback Time, Greatly Reducing Power Consumption.
D Deflection Control in the Preceding Stage can be used both by Discrete Components and ICs.
Absolute Maximum Ratings: (TA = +25°C, Note 1 unless otherwise specified)
Power Supply Voltage (V7), VCC
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, ICC
350mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Circuit Voltage, V4
65V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Input Signal Voltage, V5
2.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage Booster Output Current, I8
−1.1 to +1.1Apeak
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage Booster Output Voltage, V8
V7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Loss, PD
6W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, Tj
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction−to−Case, RthJC
6
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. A positive current flows into the IC, a negative current flows out of it.
Recommended Operating Range: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Power Supply Voltage
VCC
20
24
27
V
Deflection output current
IDEF
0.8
1.4
Ap−p


Similar Part No. - NTE7056

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
NTE7054 NTE-NTE7054 Datasheet
38Kb / 5P
   Integrated Circuit Single Chip TV Processor
More results

Similar Description - NTE7056

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1767 NTE-NTE1767 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit for Color TV
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE1773 NTE-NTE1773 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
logo
Sanyo Semicon Device
LA7832 SANYO-LA7832 Datasheet
63Kb / 3P
   Color TV Vertical Deflection Output Circuit
logo
NTE Electronics
NTE1782 NTE-NTE1782 Datasheet
22Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
NTE1674 NTE-NTE1674 Datasheet
26Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
NTE1684 NTE-NTE1684 Datasheet
22Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
logo
Sanyo Semicon Device
LA7833 SANYO-LA7833 Datasheet
61Kb / 3P
   Color TV Vertical Deflection Output Circuit
LA7830 SANYO-LA7830 Datasheet
422Kb / 2P
   Color TV Vertical Deflection Output Circuit
logo
NTE Electronics
NTE1788 NTE-NTE1788 Datasheet
57Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com