Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4126 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4126
Description  6ch 192kHz / 24-Bit Asynchronous SRC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4126 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4126 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4126 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4126 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4126 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4126 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4126 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4126 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4126 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4126 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ASAHI KASEI
[AK4126]
MS0544-E-00
2006/09
- 5 -
PIN / FUNCTION
No.
Pin Name
I/O
Function
1, 16,
33,48,
49,59,
64
NC
-
No Connect Pin.
No internal bonding. This pin must be connected to DVSS.
2
TEST0
I
TEST Pin
This pin must be connected to DVSS.
3
ILRCK
I
Input Channel Clock Pin
4
IBICK
I
Audio Serial Data Clock Pin
5
DVDD
-
Digital Power Supply Pin, 3.0
∼ 3.6V
6
DVSS
-
Digital Ground Pin
7
TST0
I
TEST Pin
This pin must be connected to DVSS.
8
SDTI1
I
Audio Serial Data Input #1 Pin
9
SDTI2
I
Audio Serial Data Input #2 Pin
10
SDTI3
I
Audio Serial Data Input #3 Pin
11
IDIF0
I
Audio Interface Format #0 Pin for Input PORT
12
IDIF1
I
Audio Interface Format #1 Pin for Input PORT
13
IDIF2
I
Audio Interface Format #2 Pin for Input PORT
14
TST1
I
TEST Pin
This pin must be connected to DVSS.
15
TST2
I
TEST Pin
This pin must be connected to DVSS.
17
TST3
I
TEST Pin
This pin must be connected to DVSS.
18
TST4
I
TEST Pin
This pin must be connected to DVSS.
19
UNLOCK
O
Unlock Status Pin
20
DVDD
-
Digital Power Supply Pin, 3.0
∼ 3.6V
21
DVSS
-
Digital Ground Pin
22
SMUTE
I
Soft Mute Pin
“H” : Soft Mute,
“L” : Normal Operation
23
DITHER
I
Dither Enable Pin
“H” : Dither ON,
“L” : Dither OFF
24
PDN
I
Power-Down Mode Pin
“H”: Power up,
“L”: Power down reset and initializes the control register.
The AK4126 should be reset once by bringing PDN pin = “L” upon power-up.
25
SMT0
I
Soft Mute Timer Select #0 Pin
26
SMT1
I
Soft Mute Timer Select #1 Pin
27
DEM0
I
De-emphasis Control #0 Pin
28
DEM1
I
De-emphasis Control #1 Pin
29
PM
I
4ch/6ch Mode Select Pin
30
OBIT0
I
Bit Length Select #0 Pin for Output Data
31
OBIT1
I
Bit Length Select #1 Pin for Output Data
Note: All input pins should not be left floating.


Similar Part No. - AKD4126

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
   digital sample rate converter.
More results

Similar Description - AKD4126

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4129 AKM-AK4129 Datasheet
710Kb / 50P
   6ch 216kHz / 24-Bit Asynchronous SRC
AK4129 AKM-AK4129 Datasheet
726Kb / 50P
   6ch 216kHz / 24-Bit Asynchronous SRC
AK4357 AKM-AK4357 Datasheet
182Kb / 27P
   192kHz 24-Bit 6ch DAC with DSD Input
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
   192kHz 24-Bit 6ch DAC for DVD-Audio
AK4124 AKM-AK4124 Datasheet
220Kb / 24P
   192KHZ/ 24BIT HIGH PERFORMANCE ASYNCHRONOUS SRC
AK4125 AKM-AK4125_07 Datasheet
477Kb / 26P
   192kHz / 24Bit High Performance Asynchronous SRC
AK4128A AKM-AK4128A Datasheet
764Kb / 50P
   8ch 216kHz / 24-Bit Asynchronous SRC
AK4125 AKM-AK4125 Datasheet
241Kb / 26P
   192kHz / 24Bit High Performance Asynchronous SRC
AK4127 AKM-AK4127 Datasheet
578Kb / 29P
   192kHz / 24Bit High Performance Asynchronous SRC
AK4618 AKM-AK4618 Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com