Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSFR19003 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSFR19003
Description  Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR19003 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSFR19003 Datasheet HTML 1Page - Fairchild Semiconductor FSFR19003 Datasheet HTML 2Page - Fairchild Semiconductor FSFR19003 Datasheet HTML 3Page - Fairchild Semiconductor FSFR19003 Datasheet HTML 4Page - Fairchild Semiconductor FSFR19003 Datasheet HTML 5Page - Fairchild Semiconductor FSFR19003 Datasheet HTML 6Page - Fairchild Semiconductor FSFR19003 Datasheet HTML 7Page - Fairchild Semiconductor FSFR19003 Datasheet HTML 8Page - Fairchild Semiconductor FSFR19003 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR2100 • 1.0.0
3
Pin Assignments
1
2
3 4 5 6 7 8
9
10
V
DL
CON
R
T
CS
SG
PG
LVcc
HVcc
V
CTR
Figure 3. Package Diagram
Pin Definitions
Pin #
Name
Description
1
VDL
This pin is the drain of the high-side MOSFET. It is typically connected to the input
DC link voltage.
2
CON
This pin is for enable/disable and protection. When the voltage of this pin is above
0.6V, the IC operation is enabled. When the voltage of this pin drops below 0.4V,
gate drive signals for both MOSFETs are disabled. When the voltage of this pin
increases above 5V, protection is triggered.
3
RT
This pin programs the switching frequency. Typically, an opto-coupler is connected
to control the switching frequency for the output voltage regulation.
4
CS
This pin senses the current flowing through the low-side MOSFET. Typically,
negative voltage is applied on this pin.
5
SG
This pin is the control ground.
6
PG
This pin is the power ground. This pin is connected to the source of the low-side
MOSFET.
7
LVcc
This pin is the supply voltage of the control IC.
8
NC
No connection.
9
HVcc
This pin is the supply voltage of the high-side drive circuit IC.
10
VCTR
This pin is the drain of the low-side MOSFET. Typically, a transformer is connected
to this pin.


Similar Part No. - FSFR19003

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1900 FAIRCHILD-FSFR1900 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1900 FAIRCHILD-FSFR1900 Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
More results

Similar Description - FSFR19003

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700XS FAIRCHILD-FSFR1700XS Datasheet
915Kb / 14P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100U FAIRCHILD-FSFR2100U_10 Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100_08 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1565RP FAIRCHILD-FSCQ1565RP Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com