Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3501UT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3501UT
Description  High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3501UT Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3501UT Datasheet HTML 1Page - Maxim Integrated Products DS3501UT Datasheet HTML 2Page - Maxim Integrated Products DS3501UT Datasheet HTML 3Page - Maxim Integrated Products DS3501UT Datasheet HTML 4Page - Maxim Integrated Products DS3501UT Datasheet HTML 5Page - Maxim Integrated Products DS3501UT Datasheet HTML 6Page - Maxim Integrated Products DS3501UT Datasheet HTML 7Page - Maxim Integrated Products DS3501UT Datasheet HTML 8Page - Maxim Integrated Products DS3501UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Voltage, NV, I2C POT with Temp Sensor
and Lookup Table
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +100°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to GND ...............-0.5V to +6.0V
Voltage Range on V+ Relative to GND ..................-0.5V to +17V
Voltage Range on SDA, SCL, A0, A1
Relative to GND..........-0.5V to (VCC + 0.5V), not to exceed 6.0V
Voltage Range on RH, RL, RW...................................-0.5V to V+
Voltage Range Across RH and RL Pins .....................-0.5V to V+
Operating Temperature Range .........................-40°C to +100°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .......................................See IPC/JEDEC
J-STD-020 Specification
Maximum RW Current ...........................................................1mA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.7
+5.5
V
V+ Voltage
V+
V+ > VCC
+4.5
+15.5
V
Input Logic 1
(SCL, SDA, A0, A1)
VIH
0.7 x
VCC
VCC
+ 0.3
V
Input Logic 0
(SCL, SDA, A0, A1)
VIL
-0.3
0.3 x
VCC
V
Resistor Inputs (RL, RW, RH)
VRES
-0.3
V+
+ 0.3
V
Wiper Current
IWIPER
1mA
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
(Note 2)
2
mA
VCC Supply Current
ICC2
(Note 3)
250
350
µA
Standby Supply Current
ISTBY
(Note 4)
40
60
µA
V+ Bias Current
IV+
+1
µA
Input Leakage (SDA, SCL, A0, A1)
IL
-1
+1
µA
Low-Level Output Voltage (SDA)
VOL
3mA sink current
0.0
0.4
V
I/O Capacitance
CI/O
510
pF
Power-Up Recall Voltage
VPOR
(Note 5)
1.6
2.6
V
Power-Up Memory Recall Delay
tD
(Note 6)
5
ms
Wiper Resistance
RW
V+ = 15.0V
5000
Ω
End-to-End Resistance (RH to RL)
RTOTAL
10
k
Ω
RTOTAL Tolerance
TA = +25°C
-20
+20
%
RTOTAL Temp Co.
(Note 7)
±200
ppm
CH, CL, CW Capacitance
CPOT
10
pF


Similar Part No. - DS3501UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502 MAXIM-DS3502 Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
DS3502U MAXIM-DS3502U Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502U++ MAXIM-DS3502U+ Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502U++ MAXIM-DS3502U+ Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
More results

Similar Description - DS3501UT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
MAX31760 MAXIM-MAX31760 Datasheet
1Mb / 37P
   Precision Fan-Speed Controller with Nonvolatile Lookup Table
2019
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
   Low-Cost NV Digital POT with WiperLock??Technology
2006
logo
Maxim Integrated Produc...
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS1338_1203 MAXIM-DS1338_1203 Datasheet
477Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 3/12
DS1338 MAXIM-DS1338 Datasheet
508Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 010307
DS1338 MAXIM-DS1338_08 Datasheet
268Kb / 16P
   I2C RTC with 56-Byte NV RAM
REV: 100108
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com