Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN610 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AN610
Description  PolarPAK Solder Joint Reliability Based on Thermal Fatigue IPC-9701
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AN610 Datasheet(HTML) 2 Page - Vishay Siliconix

  AN610 Datasheet HTML 1Page - Vishay Siliconix AN610 Datasheet HTML 2Page - Vishay Siliconix AN610 Datasheet HTML 3Page - Vishay Siliconix AN610 Datasheet HTML 4Page - Vishay Siliconix AN610 Datasheet HTML 5Page - Vishay Siliconix AN610 Datasheet HTML 6Page - Vishay Siliconix AN610 Datasheet HTML 7Page - Vishay Siliconix AN610 Datasheet HTML 8Page - Vishay Siliconix AN610 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.vishay.com
2
Document Number 73507
31-Aug-05
Vishay Siliconix
AN610
DOE PHASE (I):
a) PCB design: A worst-case PCB design was se-
lected for this experiment, using a FR-4 board de-
signed with 16 layers and 3.175-mm [0.125-in.]
thickness as per IPC-9701 guidelines. Refer to the
Figure 3 for more information. The layer stack com-
prised two outer copper layers of 35 µm [0.5 oz.]
and 14 inner copper layers of 12 µm [0.5 oz.]. Each
insulation layer of the FR-4 in between is 231 µm
[7,709 µin.]. Appendix A covers the PCB specifica-
tions. For this experiment, an immersion silver
board finish was used as per recommendations
from external contract manufacturers.
The alternate signal, power, and ground plane from
both sides have 40%, 70%, and 70% copper cover-
age, respectively, on each layer. Horizontal and
vertical strips of controlled width and spacing deter-
mine the percentage of copper coverage. A con-
cept of a daisy chain layout for PolarPAK can be
followed from Figure 4.
The connection from the PCB termination enters
the right drain pin 4, where the first solder joint is
formed between the PCB and right drain pin. An
internal inverted cup structure connects two drain
pins. In turn, the daisy chain connection continues
to the second drain pin on the left side. The second
solder joint of the daisy chain is formed between the
left drain pin and the PCB. The daisy chain contin-
ues via a trace on the PCB to the gate - the second
pin from the left - where the third solder joint is
formed. A special modification on the part provides
an internal connection between the gate and
source pins. The fourth solder joint is formed at the
source, a large metal slug at the third pin from left,
and the PCB. A trace running out from the source
connection completes the daisy chain. When mon-
itoring the resistance of a daisy chain, all solder
joints of one PolarPAK device are studied for ther-
mal stress effects, including possible resulting sol-
der joint failures. Furthermore, the three white
square test pads shown in Figure 4 facilitate resis-
tance measurement of each solder joint.
The recommended minimum pad layout shown in
Figure 5 is used for the PCB layout. Refer to the
Vishay Web site for up-to-date information.
The dimensions of the PCB are governed by the
form factor required by the temperature cycling
setup. Accordingly, a 16-pin edge connector termi-
nation is used to facilitate the connection setup.
Figure 3: PCB Layer-Stack
Figure 4: Daisy Chain Layout for PolarPAK
TopLayer
Core (7.709mil)
PT1 ((No Net))
Prepreg (10.031
ST1
Core (7.709mil)
GT1 ((No Net))
Prepreg (10.031
ST2
Core (7.709mil)
PT2 ((No Net))
Prepreg (10.031
ST3
Core (7.709mil)
GT2 ((No Net))
Prepreg (10.031
GB2 ((No Net))
Core (7.709mil)
SB3
Prepreg (10.031
PB2 ((No Net))
Core (7.709mil)
SB2
Prepreg (10.031
GB1 ((No Net))
Core (7.709mil)
SB1
Prepreg (10.031
PB1 ((No Net))
Core (7.709mil)
BottomLayer
Figure 5: Recommended Minimum Pad Layout


Similar Part No. - AN610

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN610 MICROCHIP-AN610 Datasheet
82Kb / 9P
   Using the 24LC21 Dual Mode Serial EEPROM
2002
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
logo
Panasonic Semiconductor
AN6107 PANASONIC-AN6107 Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6107SA PANASONIC-AN6107SA Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6108SA PANASONIC-AN6108SA Datasheet
25Kb / 2P
   Digital Communication IF Amplifier IC
More results

Similar Description - AN610

ManufacturerPart #DatasheetDescription
logo
EDA Technology Co.,LTD
ED-IPC2100 EDATEC-ED-IPC2100 Datasheet
695Kb / 6P
   High Reliability Industrial Computer Based on Rasberry Pi CM4
logo
Bourns Electronic Solut...
4416P-2-391 BOURNS-4416P-2-391 Datasheet
235Kb / 2P
   Compliant leads to reduce solder joint fatiguing
logo
AMETHERM Circuit Protec...
SL221R020 AMETHERM-SL221R020 Datasheet
44Kb / 1P
   Reliability Delivered On Time
logo
Diodes Incorporated
SBR15U30SP5 DIODES-SBR15U30SP5 Datasheet
95Kb / 4P
   SUPER BARRIER RECTIFIER High Thermal Reliability
DS32154 Rev. 2 - 2
logo
Bertech.
AFRB38 BERTECH-AFRB38 Datasheet
173Kb / 1P
   Anti Fatigue Mats – Ribbed Pattern
logo
List of Unclassifed Man...
JA6-3-050 ETC-JA6-3-050 Datasheet
1Mb / 17P
   Floating Joint
logo
Panasonic Semiconductor
EYP2BN082 PANASONIC-EYP2BN082_10 Datasheet
168Kb / 7P
   Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
logo
STMicroelectronics
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
   Plethysmograph based on the TS507
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
   Amplifier based on the TS4990IQT
logo
Endress+Hauser Group Se...
CM14 EH-CM14 Datasheet
878Kb / 16P
   Based on digital Memosens technology
2021-12-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com