Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC273 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74VHC273
Description  Octal D-Type Flip-Flop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC273 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VHC273_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC273_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC273_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC273_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC273_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC273_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC273_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC273_07 Datasheet HTML 9Page - Fairchild Semiconductor 74VHC273_07 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC273 Rev. 1.5
6
AC Electrical Characteristics
Notes:
3. Parameter guaranteed by design tOSLH = |tPLHmax – tPLHmin|; tOSHL = |tPHLmax – tPHLmin|.
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained from the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 8 (per F/F). The total CPD when n pieces of the Flip-Flop operates can be
calculated by the equation: CPD (total) = 22 + 9n.
AC Operating Requirements
Note:
5. VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
3.3 ± 0.3
CL = 15pF
75
120
65
MHz
CL = 50pF
50
75
45
5.0 ± 0.5
CL = 15pF
120
165
100
MHz
CL = 50pF
80
110
70
tPLH, tPHL Propagation Delay
Time (CK – Q)
3.3 ± 0.3
CL = 15pF
8.7
13.6
1.0
16.0
ns
CL = 50pF
11.2
17.1
1.0
19.5
5.0 ± 0.5
CL = 15pF
5.8
9.0
1.0
10.5
ns
CL = 50pF
7.3
11.0
1.0
12.5
tPHL
Propagation Delay
Time (MR – Q)
3.3 ± 0.3
CL = 15pF
8.9
13.6
1.0
16.0
ns
CL = 50pF
11.4
17.1
1.0
19.5
5.0 ± 0.5
CL = 15pF
5.2
8.5
1.0
10.0
ns
CL = 50pF
6.7
10.5
1.0
12.0
tOSLH,
tOSHL
Output to Output
Skew
3.3 ± 0.3
(3)
CL = 50pF
1.5
1.5
ns
5.0 ± 0.5
CL = 50pF
1.0
1.0
CIN
Input Capacitance
VCC = Open
4.0
10.0
10.0
pF
CPD
Power Dissipation
Capacitance
(4)
31
pF
Symbol
Parameter
VCC (V)
(5)
TA = 25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Minimum
tW(L), tW(H)
Minimum Pulse Width (CK)
3.3
5.5
6.5
ns
5.0
5.0
5.0
tW(L)
Minimum Pulse Width (MR)
3.3
5.0
6.0
ns
5.0
5.0
5.0
tS
Minimum Setup Time
3.3
5.5
6.5
ns
5.0
4.5
4.5
tH
Minimum Hold Time
3.3
1.0
1.0
ns
5.0
1.0
1.0
tREC
Minimum Removal Time (MR)
3.3
2.5
2.5
ns
5.0
2.0
2.0


Similar Part No. - 74VHC273_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results

Similar Description - 74VHC273_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com