Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G74DC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP1G74DC
Description  Low-power D-type flip-flop with set and reset; positive-edge trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G74DC Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP1G74DC Datasheet HTML 1Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 2Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 3Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 4Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 5Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 6Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 7Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 8Page - NXP Semiconductors 74AUP1G74DC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
The 74AUP1G74 is a high-performance, low-power, low-voltage, Si-gate CMOS device,
superior to most advanced CMOS compatible TTL families.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74AUP1G74 provides the single positive-edge triggered D-type flip-flop with
individual data (D) input, clock (CP) input, set (SD) and reset (RD) inputs and
complementary Q and Q outputs. The set and reset are asynchronous active LOW inputs
and operate independently of the clock input. Information on the data input is transferred
to the Q output on the LOW-to-HIGH transition of the clock pulse. The D input must be
stable one set-up time prior to the LOW-to-HIGH clock transition for predictable operation.
2.
Features
s Wide supply voltage range from 0.8 V to 3.6 V
s High noise immunity
s Complies with JEDEC standards:
x JESD8-12 (0.8 V to 1.3 V)
x JESD8-11 (0.9 V to 1.65 V)
x JESD8-7 (1.2 V to 1.95 V)
x JESD8-5 (1.8 V to 2.7 V)
x JESD8-B (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114-D Class 3A exceeds 5000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101-C exceeds 1000 V
s Low static power consumption; ICC = 0.9 µA (maximum)
s Latch-up performance exceeds 100 mA per JESD 78 Class II
s Inputs accept voltages up to 3.6 V
s Low noise overshoot and undershoot < 10 % of VCC
74AUP1G74
Low-power D-type flip-flop with set and reset; positive-edge
trigger
Rev. 01 — 25 August 2006
Product data sheet


Similar Part No. - 74AUP1G74DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G74DC NXP-74AUP1G74DC Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74DC NEXPERIA-74AUP1G74DC Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
74AUP1G74DC-Q100 NEXPERIA-74AUP1G74DC-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
More results

Similar Description - 74AUP1G74DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G74 NXP-74AUP1G74 Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com