Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT20807HE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT20807HE
Description  1-10 Clock Buffer for Networking Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20807HE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT20807HE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20807HE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8558B
09/24/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT20807
1-10 Clock Buffer for
NetworkingApplications
Capacitance (TA =25°C,f=1MHz)
Note:
1. This parameter is determined by device characterization but is not production tested.
Graph 1. Dynamic Current vs. Clock Frequency
s
r
e
t
e
m
a
r
a
P
)
1
(
n
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
p
y
T.
x
a
Ms
t
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
0
=3
4
F
p
C
T
U
O
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
OV
T
U
O
V
0
=6
Notes:
1. See test circuit and waveforms.
2. Skew measured at worse cast temperature (max. temp).
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
tR t/F
V
7
.
1
~
V
7
.
0
e
m
i
T
ll
a
F
/
e
s
i
R
n
K
L
C
CL
z
H
M
0
0
1
,
F
p
2
2
=–
0
.
15
2
.
1
s
n
CL
z
H
M
0
5
1
,
F
p
2
1
=–
0
.
12
.
1
t H
L
P
t L
H
P
n
K
L
C
o
t
N
I
_
F
U
B
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
CL
z
H
M
0
0
1
,
F
p
2
2
=–
0
.
35
.
3
CL
z
H
M
0
5
1
,
F
p
2
1
=–
4
.
27
.
2
t
)
o
(
K
S
)
2
(
e
g
a
k
c
a
p
e
m
a
s
e
h
t
f
o
s
t
u
p
t
u
o
o
w
t
n
e
e
w
t
e
b
w
e
k
S
)
n
o
it
i
s
n
a
r
t
e
m
a
s
(
CL
z
H
M
0
0
1
,
F
p
2
2
=–
0
0
10
5
1
s
p
CL
z
H
M
0
5
1
,
F
p
2
1
=–
0
0
10
5
1
t
)
p
(
K
S
)
2
(
t
(
s
n
o
it
i
s
n
a
r
t
e
ti
s
o
p
p
o
n
e
e
w
t
e
b
w
e
k
S
L
H
P
t
-
H
L
P
)
t
u
p
t
u
o
e
m
a
s
e
h
t
f
o
CL
z
H
M
0
0
1
,
F
p
2
2
=–
0
5
20
0
3
CL
z
H
M
0
5
1
,
F
p
2
1
=–
0
5
20
0
3
t
)
t
(
K
S
)
2
(
e
g
a
k
c
a
p
t
n
e
r
e
f
fi
d
f
o
s
t
u
p
t
u
o
o
w
t
n
e
e
w
t
e
b
w
e
k
S
)
4
(
CL
z
H
M
0
5
1
,
F
p
2
1
=–
0
0
40
0
6
SwitchingCharacteristics (VDD=2.5V±0.2V,TA=85°C)
Test Circuits for All Outputs
Definitions:
CL = Load capacitance: includes jig and probe capacitance.
Pulse
Generator
D.U.T.
VIN
VOUT
CL
VDD
160
140
120
100
80
60
Clock Frequency [MHz]
40
20
0
0
50
100
150
200
Load = 15pF & 33 ohms
Load = 0


Similar Part No. - PI49FCT20807HE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20807HE PERICOM-PI49FCT20807HE Datasheet
326Kb / 6P
   1-10 Clock Buffer for Networking Applications
More results

Similar Description - PI49FCT20807HE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT3802 PERICOM-PI49FCT3802 Datasheet
436Kb / 6P
   1:5/1:7 Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6CL10804 PERICOM-PI6CL10804 Datasheet
557Kb / 6P
   1.2V/1.5V, 200MHz, 1:4 Networking Clock Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com