Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC23IGQER Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV320DAC23IGQER
Description  Stereo Audip D/A Converter, 8-to 96 kHz With intergrated haeadphone Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC23IGQER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320DAC23IGQER Datasheet HTML 6Page - Texas Instruments TLV320DAC23IGQER Datasheet HTML 7Page - Texas Instruments TLV320DAC23IGQER Datasheet HTML 8Page - Texas Instruments TLV320DAC23IGQER Datasheet HTML 9Page - Texas Instruments TLV320DAC23IGQER Datasheet HTML 10Page - Texas Instruments TLV320DAC23IGQER Datasheet HTML 11Page - Texas Instruments TLV320DAC23IGQER Datasheet HTML 12Page - Texas Instruments TLV320DAC23IGQER Datasheet HTML 13Page - Texas Instruments TLV320DAC23IGQER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
1−6
1.5
Terminal Functions
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
GQE
PW
RHD
I/O
DESCRIPTION
AGND
5
15
12
Analog supply return
AVDD
4
14
11
Analog supply input. Voltage level is 3.3 V nominal.
BCLK
23
3
28
I/O
I2S serial-bit clock. In audio master mode, the DAC23 generates this signal and sends it to the
DSP. In audio slave mode, the signal is generated by the DSP.
BVDD
21
1
26
Buffer supply input. Voltage range is from 2.7 V to 3.6 V.
CLKOUT
22
2
27
O
Clock output. This is a buffered version of the XTI input and is available in 1X or 1/2X
frequencies of XTI. Frequency selection is controlled by bit X in control register XX.
CS
12
21
18
I
Control port input latch/address select. For SPI control mode this input acts as the data latch
control. For 2-wire control mode this input defines the seventh bit in the device address field.
See Section 3.1 for details.
DIN
24
4
1
I
I2S format serial data input to the sigma-delta stereo DAC
DGND
20
28
25
Digital supply return
DVDD
19
27
24
Digital supply input. Voltage range is 1.4 V to 3.6 V.
HPGND
32
11
8
Analog headphone amplifier supply return
HPVDD
29
8
5
Analog headphone amplifier supply input. Voltage level is 3.3 V nominal.
LHPOUT
30
9
6
O
Left stereo mixer-channel amplified headphone output. Nominal 0-dB output level is 1.0 VRMS.
Gain of –73 dB to 6 dB is provided in 1-dB steps.
LLINEIN
11
20
17
I
Left stereo-line input channel
LOUT
2
12
9
O
Left stereo mixer-channel line output. Nominal output level is 1.0 VRMS.
LRCIN
26
5
2
I/O
I2S DAC-word clock signal. In audio master mode, the DAC23 generates this framing signal
and sends it to the DSP. In audio slave mode, the signal is generated by the DSP.
MODE
13
22
19
I
Serial interface mode input. See Section 3.1 for details.
NC
1, 7, 8,
9, 17,
25, 27,
28
6, 7,
17,18
3, 4,
14, 15
Not Used—No internal connection
RHPOUT
31
10
7
O
Right stereo mixer-channel amplified headphone output. Nominal 0-dB output level is
1.0 VRMS. Gain of −73 dB to 6 dB is provided in 1-dB steps.
RLINEIN
10
19
16
I
Right stereo-line input channel
ROUT
3
13
10
O
Right stereo mixer-channel line output. Nominal output level is 1.0 VRMS.
SCLK
15
24
21
I
Control port serial data clock. For both SPI and 2-wire control modes this is the serial clock
input. See Section 3.1 for details.
SDIN
14
23
20
I
Control port serial data input. For both SPI and 2-wire control modes this is the serial data input
and also is used to select the control protocol after reset. See Section 3.1 for details.
VMID
6
16
13
I
Midrail voltage decoupling input. 10-
µF and 0.1-µF capacitors should be connected in parallel
to this terminal for noise filtering. Voltage level is 1/2 AVDD nominal.
XTI/MCLK
16
25
22
I
Crystal or external clock input. Used for derivation of all internal clocks on the DAC23.
XTO
18
26
23
O
Crystal output. Connect to external crystal for applications where the DAC23 is the audio timing
master. Not used in applications where external clock source is used.


Similar Part No. - TLV320DAC23IGQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC23IGQER TI-TLV320DAC23IGQER Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
More results

Similar Description - TLV320DAC23IGQER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
TLV320DAC23 TI-TLV320DAC23 Datasheet
219Kb / 38P
[Old version datasheet]   STEREO AUDIO D/A CONVERTER, 8-TO 96KHZ WITH INTERGRATED HEADPHONE AMPLIFIER
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334 Datasheet
817Kb / 26P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
TLV320AIC23B-Q1 TI1-TLV320AIC23B-Q1 Datasheet
497Kb / 39P
[Old version datasheet]   Stereo Audio Codec, 8- to 96-kHz, With Integrated Headphone Amplifier
TLV320AIC23 TI-TLV320AIC23_06 Datasheet
222Kb / 44P
[Old version datasheet]   Stereo Audio CODEC, 8-to 96-kHz, With Integrated Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com