Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78L058A Datasheet(PDF) 30 Page - Winbond

Part # W78L058A
Description  8-BIT MICROCONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L058A Datasheet(HTML) 30 Page - Winbond

Back Button W78L058A Datasheet HTML 26Page - Winbond W78L058A Datasheet HTML 27Page - Winbond W78L058A Datasheet HTML 28Page - Winbond W78L058A Datasheet HTML 29Page - Winbond W78L058A Datasheet HTML 30Page - Winbond W78L058A Datasheet HTML 31Page - Winbond W78L058A Datasheet HTML 32Page - Winbond W78L058A Datasheet HTML 33Page - Winbond W78L058A Datasheet HTML 34Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
W78LE58/W78L058A
- 30 -
MOV R6,#F0H
; TL0 = F0H
MOV R7,#FFH
; TH0 = FFH
MOV TL0,R6
MOV TH0,R7
MOV TMOD,#01H
; TMOD = 01H, SET TIMER0 A 16-BIT TIMER
MOV TCON,#10H
; TCON = 10H, TR0 = 1,GO
MOV PCON,#01H
; ENTER IDLE MODE FOR LAUNCHING THE IN-SYSTEM
; PROGRAMMING
;********************************************************************************
;* Normal mode 32KB APROM program: depending user's application
;********************************************************************************
NORMAL_MODE:
.
; User's application program
.
.
.
EXAMPLE 2:
;******************************************************************************************************************************
Example of 4 KB LDROM program: This loader program will erase the 32KB APROM first, then reads the new ;*
code from external SRAM and program them into 32 KB APROM bank. XTAL = 16 MHz
;*****************************************************************************************************************************
.chip 8052
.RAMCHK OFF
.symbols
CHPCON
EQU
BFH
CHPENR
EQU
F6H
SFRAL
EQU
C4H
SFRAH
EQU
C5H
SFRFD
EQU
C6H
SFRCN
EQU
C7H
ORG
000H
LJMP
100H
; JUMP TO MAIN PROGRAM
;************************************************************************
;* 1. TIMER0 SERVICE VECTOR ORG = 0BH
;************************************************************************
ORG 000BH
CLR TR0
; TR0 = 0, STOP TIMER0
MOV TL0,R6
MOV TH0,R7
RETI
;************************************************************************
;* 4KB LDROM MAIN PROGRAM
;************************************************************************
ORG 100H


Similar Part No. - W78L058A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L058A WINBOND-W78L058A Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
W78L058A24DL WINBOND-W78L058A24DL Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
W78L058A24FL WINBOND-W78L058A24FL Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
W78L058A24PL WINBOND-W78L058A24PL Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L058A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com